Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL9216IRZ Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # ISL9216IRZ
Description  8 to 12 Cell Li-Ion Battery Overcurrent Protection and Analog Front End Chip Set
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL9216IRZ Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button ISL9216IRZ Datasheet HTML 10Page - Renesas Technology Corp ISL9216IRZ Datasheet HTML 11Page - Renesas Technology Corp ISL9216IRZ Datasheet HTML 12Page - Renesas Technology Corp ISL9216IRZ Datasheet HTML 13Page - Renesas Technology Corp ISL9216IRZ Datasheet HTML 14Page - Renesas Technology Corp ISL9216IRZ Datasheet HTML 15Page - Renesas Technology Corp ISL9216IRZ Datasheet HTML 16Page - Renesas Technology Corp ISL9216IRZ Datasheet HTML 17Page - Renesas Technology Corp ISL9216IRZ Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 34 page
background image
ISL9216, ISL9217
FN6488 Rev 1.00
Page 14 of 34
November 2, 2007
Registers
TABLE 1. REGISTERS
ADDR
REGISTER
READ/WRITE
7
6
5
4
3210
00H
Configuration
Status
Read only
CU
Cascade U
CL
Cascade L
Reserved
WKUP
WKUP pin
Status
Reserved
Reserved
Reserved
Reserved
01H
Operating Status
(Note 9)
Read only
Reserved
Reserved
XOT
Ext over
temp
IOT
Int over
Temp
LDFAIL
Load Fail
(VMON)
DSC
Short
Circuit
DOC
Discharge
OC
COC
Charge OC
02H
Cell Balance
Read/Write
CB7ON
CB6ON/
WKUPR
CB5ON
CB4ON
CB3ON
CB2ON
CB1ON
Reserved
Cell balance FET control bits (plus WKUP of ISL9217 in cascade)
03H
Analog Out
Read/Write
UFLG1
User Flag 1
UFLG0
User Flag 0
Reserved
Reserved
AO3
AO2
AO1
AO0
Analog output select bits
04H
FET Control
Read/Write
SLEEP
Force
Sleep
(Note 10)
LDMONEN
Turn on
VMON
connection
Reserved
Reserved
Reserved
Reserved
CFET
Turn on
Charge
FET
(Note 11)
DFET
Turn on
Disharge
FET
(Note 11)
05H
Discharge Set
Read/Write
(Write only if
DISSETEN bit
set)
DENOCD
OCDV1
OCDV0
DENSCD
SCDV1
SCDV0
OCDT1
OCDT0
Turn off
automatic
OCD
control
Configure Overcurrent
Discharge Threshold
Turn off
automatic
SCD control
Configure Short Circuit
Discharge Threshold
Configure Overcurrent
Discharge Time-out
06H
Charge Set
Read/Write
(Write only if
CHSETEN bit
set)
DENOCC
OCCV1
OCCV0
SCLONG
Long Short-
circuit delay
CTDIV
Divide
charge
time by 32
DTDIV
Divide
discharge
time by 64
OCCT1
OCCT0
Turn off
automatic
OCC
control
Configure Overcurrent
Charge Threshold
Configure Overcurrent
Charge Time-out
07H
Feature Set
Read/Write
(Write only if
FSETEN bit
set)
ATMPOFF
Turn off
automatic
external
temp scan
DIS3
Disable 3.3V
reg. (device
requires
external
3.3V)
TMP3ON
Temp 3.3V
keep on
DISXTSD
Disable
external
thermal
shutdown
DISITSD
Disable
internal
thermal
shutdown
POR
Force POR
DISWKUP
Disable
WKUP pin
WKPOL
Wake-up
Polarity
08H
Write Enable
Read/Write
FSETEN
Enable
Feature
Set writes
CHSETEN
Enable
Charge Set
writes
DISSETEN
Enable
Discharge
Set writes
UFLG3
User Flag 3
UFLG2
User Flag 2
Reserved
Reserved
Reserved
09H:
FFH
Reserved
NA
RESERVED
NOTES:
7. A “1” written to a control or configuration bit causes the action to be taken. A “1” read from a status bit indicates that the condition exists.
8. “Reserved” indicates that the bit or register is reserved for future expansion. When writing to addresses 2, 3, 4, 6, 7, and 8: write a reserved bit
with the value “0”. Do not write to reserved registers at addresses 09H through FFH. Ignore reserved bits that are returned in a read operation.
9. These status bits are automatically cleared when the register is read. All other status bits are cleared when the condition is cleared.
10. This SLEEP bit is cleared on initial power-up, by the WKUP pin going high (when WKPOL = ”1”) or by the WKUP pin going low (when
WKPOL = ”0”), and by writing a “0” to the location with an I2C command.
11. When the automatic responses are enabled, these bits are automatically reset by hardware when an overcurrent or short circuit condition turns
off the FETs. At all other times, an I2C write operation controls the output to the respective FET and a read returns the current state of the FET
drive output circuit (though not the actual voltage at the output pin).
12. The shaded registers are not used in the ISL9217 device. Shaded status registers return ‘0’ when read. Shaded “read/write” registers can be read
and written, but they provide no functionality. When writing to the shaded areas in the ISL9217, the locations must be written as “0”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com