Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LRTB-R48G Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LRTB-R48G
Description  SMT package, epoxy resin
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LRTB-R48G Datasheet(HTML) 1 Page - OSRAM GmbH

  LRTB-R48G Datasheet HTML 1Page - OSRAM GmbH LRTB-R48G Datasheet HTML 2Page - OSRAM GmbH LRTB-R48G Datasheet HTML 3Page - OSRAM GmbH LRTB-R48G Datasheet HTML 4Page - OSRAM GmbH LRTB-R48G Datasheet HTML 5Page - OSRAM GmbH LRTB-R48G Datasheet HTML 6Page - OSRAM GmbH LRTB-R48G Datasheet HTML 7Page - OSRAM GmbH LRTB-R48G Datasheet HTML 8Page - OSRAM GmbH LRTB-R48G Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
LRTB R48G
Multi CHIPLED
Data Sheet
Version 1.8
2018-05-14
1
Das Bauteil ist speziell für den Einsatz in
Vollfarb-Videowänden entwickelt worden. Die
4-lead common anode Technologie läßt eine
unahängige Ansteuerung aller Chips zu und bietet
dadurch eine additive Farbmischung. Durch die
kompakten Gehäuseabmaße ist es bestens für
Videowände mit hoher Auflösung und geringem
Pixelabstand geeignet.
Merkmale
• Gehäusetyp: SMT Gehäuse, Harz Verguss
• Farbe: Rot/True Grün/Blau, 623 nm (rot),
530 nm (true grün), 471 nm (blau)
• Abstrahlwinkel: Lambertscher Strahler (120°)
• Chiptechnologie: InGaAlP (rot),
InGaN (true grün, blau)
• Lötmethode: Reflow lötbar
• Vorbehandlung: nach JEDEC Level 4
• ESD-Festigkeit: ESD-sensitiv
Anwendungen
• Videoleinwände im Innenbereich
• Vollfarb-Displays
This device is especially designed for full color
video
walls.
The
4-lead
common
anode
technology admits an additive mixture of color
stimuli by independent driving of each chip. Very
compact package size fits best for high resolution
narrow pitch video walls.
Features
• package: SMT package, epoxy resin
• color: red/true green/ blue, 623 nm (red),
530 nm (true green), 471 nm (blue)
• viewing angle: Lambertian Emitter (120°)
• chiptechnology: InGaAlP(red),
InGaN (true green, blue)
• soldering methods: reflow solderable
• preconditioning: acc. to JEDEC Level 4
• ESD-withstand voltage: sensitive device
Applications
• Indoor Video Walls
• full color display


Similar Part No. - LRTB-R48G

ManufacturerPart #DatasheetDescription
logo
ams-OSRAM AG
LRTB-R48G AMSOSRAM-LRTB-R48G Datasheet
1Mb / 29P
Multi Chip LED
2021-09-30
More results

Similar Description - LRTB-R48G

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
KWDPLS31.EC OSRAM-KWDPLS31.EC Datasheet
1Mb / 24P
SMD epoxy package, colored silicone resin
KRTB-EILP41.32 OSRAM-KRTB-EILP41.32 Datasheet
968Kb / 29P
SMT package, epoxy resin
KRTB-HDLP71.32 OSRAM-KRTB-HDLP71.32 Datasheet
656Kb / 28P
SMT package, epoxy resin
KW-DPLS31.EC OSRAM-KW-DPLS31.EC Datasheet
1Mb / 24P
SMD epoxy package, colored silicone resin
KW-DPLS31.SB OSRAM-KW-DPLS31.SB Datasheet
778Kb / 24P
SMD epoxy package, colored silicone resin
KW-DPLS32.EC OSRAM-KW-DPLS32.EC Datasheet
921Kb / 29P
SMD epoxy package, colored silicone resin
LB-V19G OSRAM-LB-V19G Datasheet
569Kb / 15P
SMT package, colorless diffused resin
LB-V193 OSRAM-LB-V193 Datasheet
564Kb / 14P
SMT package, colorless diffused resin
LG-V196 OSRAM-LG-V196 Datasheet
572Kb / 14P
SMT package, colorless diffused resin
logo
List of Unclassifed Man...
ER2220 ETC1-ER2220 Datasheet
308Kb / 6P
Epoxy Resin
02 February 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com