Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LRTB-R48G Datasheet(PDF) 12 Page - OSRAM GmbH

Part # LRTB-R48G
Description  SMT package, epoxy resin
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LRTB-R48G Datasheet(HTML) 12 Page - OSRAM GmbH

Back Button LRTB-R48G Datasheet HTML 8Page - OSRAM GmbH LRTB-R48G Datasheet HTML 9Page - OSRAM GmbH LRTB-R48G Datasheet HTML 10Page - OSRAM GmbH LRTB-R48G Datasheet HTML 11Page - OSRAM GmbH LRTB-R48G Datasheet HTML 12Page - OSRAM GmbH LRTB-R48G Datasheet HTML 13Page - OSRAM GmbH LRTB-R48G Datasheet HTML 14Page - OSRAM GmbH LRTB-R48G Datasheet HTML 15Page - OSRAM GmbH LRTB-R48G Datasheet HTML 16Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
LRTB R48G
2018-05-14
12
Relative Lichtstärke
5) 6) Seite 29
Relative Luminous Intensity
5) 6) page 29
I
V/IV(10 mA (red)) = f (IF); TS = 25 °C
Relative Lichtstärke
5) 6) Seite 29
Relative Luminous Intensity
5) 6) page 29
I
V/IV(5 mA (blue)) = f (IF); TS = 25 °C
Relative Lichtstärke
5) 6) Seite 29
Relative Luminous Intensity
5) 6) page 29
I
V/IV(5 mA (true green)) = f (IF); TS = 25 °C
LRTBR48G
IF [mA]
0,1
0,2
0,3
0,4
0,5
1
2
3
4
5
10
IV
IV(10 mA )
LRTBR48G
IF [mA]
0,2
0,3
0,4
0,5
1
2
3
4
5
10
IV
IV(5mA )
LRTBR48G
IF [mA]
0,3
0,4
0,5
1
2
3
4
5
10
IV
IV(5mA )



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com