Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LRTB-R48G Datasheet(PDF) 4 Page - OSRAM GmbH

Part # LRTB-R48G
Description  SMT package, epoxy resin
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LRTB-R48G Datasheet(HTML) 4 Page - OSRAM GmbH

  LRTB-R48G Datasheet HTML 1Page - OSRAM GmbH LRTB-R48G Datasheet HTML 2Page - OSRAM GmbH LRTB-R48G Datasheet HTML 3Page - OSRAM GmbH LRTB-R48G Datasheet HTML 4Page - OSRAM GmbH LRTB-R48G Datasheet HTML 5Page - OSRAM GmbH LRTB-R48G Datasheet HTML 6Page - OSRAM GmbH LRTB-R48G Datasheet HTML 7Page - OSRAM GmbH LRTB-R48G Datasheet HTML 8Page - OSRAM GmbH LRTB-R48G Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
2018-05-14
4
LRTB R48G
Kennwerte
Characteristics
(
T
S = 25 °C)
Bezeichnung
Parameter
Symbol
Symbol
Werte
Values
Einheit
Unit
red
true
green
blue
Wellenlänge des emittierten Lichtes
(typ.)
Wavelength at peak emission
I
F = 10 mA (red), 5 mA (true green), 5 mA (blue)
peak
632
523
455
nm
Dominantwellenlänge
3) Seite 29
(min.)
Dominant wavelength
3) page 29
(typ.)
I
F = 10 mA (red), 5 mA (true green), 5 mA (blue) (max.)
dom
615
623
627
523
530*
539
466
471*
475
nm
nm
nm
Spektrale Bandbreite bei 50 % I
rel max
(typ.)
Spectral bandwidth at 50 % I
rel max
I
F = 10 mA (red), 5 mA (true green), 5 mA (blue)

18
33
25
nm
Abstrahlwinkel bei 50 % I
V (Vollwinkel)
(typ.)
Viewing angle at 50 % I
V
2
120
Grad
deg.
Durchlassspannung
4) Seite 29
(min.)
Forward voltage
4) page 29
(typ.)
I
F = 10 mA (red), 5 mA (true green), 5 mA (blue) (max.)
V
F
V
F
V
F
1.6
1.95
2.4
2.4
2.7
3.4
2.4
2.7
3.4
V
V
V
Sperrstrom
2) Seite 29
(typ.)
Reverse current
2) page 29
(max.)
V
R = 5 V (blue / true green); 10 V (red)
I
R
I
R
0.02
10
0.01
10
A
A
Wärmewiderstand
Thermal resistance
Sperrschicht/Lötpad
(typ.)
Junction/solder point
(max.)
R
th JS real
R
th JS real
480
580
380
450
550
660
K/W
K/W
*
Einzelgruppen siehe Seite 8
Individual groups on page 8
**
R
th(max) basiert auf statistischen Werten
R
th(max) is based on statistic values



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com