Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R1DX Datasheet(PDF) 7 Page - Recom International Power

Part # R1DX
Description  1 Watt SMD Single & Dual Output
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

R1DX Datasheet(HTML) 7 Page - Recom International Power

  R1DX Datasheet HTML 1Page - Recom International Power R1DX Datasheet HTML 2Page - Recom International Power R1DX Datasheet HTML 3Page - Recom International Power R1DX Datasheet HTML 4Page - Recom International Power R1DX Datasheet HTML 5Page - Recom International Power R1DX Datasheet HTML 6Page - Recom International Power R1DX Datasheet HTML 7Page - Recom International Power R1DX Datasheet HTML 8Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
INSTALLATION and APPLICATION
continued on next paege
+Vin
-Vin
+VOUT
-VOUT
INB
GND
GND
GND
AGND
AGND
AGND
C2
C1
C3
C4
OUTA
OUTB
INA
R1SX-3.305
IC1
3.3V
5V
Isolated Bus
Block diagram of an isolated data interface with 3.3V to 5V logic level shifting. Typcial Applications include microcontroller interfacing, logic level translation
and multi-channel test and measurement systems.
Dimension Drawing R1DX (mm)
DC/DC Converter
Specifications (measured @ Ta= 25°C, nominal input voltage, full load unless otherwise specified)
R1SX/R1DX
Series
ECO-7
REV.: 3/2018
www.recom-power.com
Recommended Footprint Details
Pin Connection
Pin #
Dual
1
-Vin
2
+Vin
4
Com.
5
-Vout
7
+Vout
10
NC
CG= center of gravity
NC= no connection
Tolerance: xx.x= ±0.5mm
xx.xx= ±0.25mm
Pin
Thickness:
±0.05mm
Lenght:
+0.25/-0.50mm
Bottom View
Top View
1 2
4
7
10
7
10
5
1 2
4 5
11.1
15.24
4x2.54= 10.16
1.27
2.54
0.50
2.5
CG



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com