Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R1DX Datasheet(PDF) 4 Page - Recom International Power

Part # R1DX
Description  1 Watt SMD Single & Dual Output
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

R1DX Datasheet(HTML) 4 Page - Recom International Power

  R1DX Datasheet HTML 1Page - Recom International Power R1DX Datasheet HTML 2Page - Recom International Power R1DX Datasheet HTML 3Page - Recom International Power R1DX Datasheet HTML 4Page - Recom International Power R1DX Datasheet HTML 5Page - Recom International Power R1DX Datasheet HTML 6Page - Recom International Power R1DX Datasheet HTML 7Page - Recom International Power R1DX Datasheet HTML 8Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
PROTECTIONS
Parameter
Type
Value
Isolation Voltage
I/P to O/P
standard
tested for 1 second
rated for 1 minute (5)
1kVDC
500VAC
I/P to O/P
with suffix “/H”
tested for 1 second
rated for 1 minute (5)
3kVDC
1.5kVAC
Isolation Resistance
10G
Ω min.
Isolation Capacitance
single
dual
70pF max.
100pF max.
Leakage Current
standard
with suffix “/H”
1µA max.
3µA max.
Insulation Grade
functional
ENVIRONMENTAL
Parameter
Condition
Value
Operating Temperature Range
full load (refer to derating graph)
single
-40°C to +100°C
dual
-40°C to +95°C
Operating Altitude
5000m
Operating Humidity
non-condensing
5% - 95% RH max.
Pollution Degree
PD2
Vibration
according to MIL-STD-202G
MTBF
according to MIL-HDBK-217F,
G.B.
+25°C
+100°C
single
21400 x 10³ hours
7800 x 10³ hours
+25°C
+95°C
dual
20900 x 10³ hours
7200 x 10³ hours
continued on next page
R1SX/R1DX
Series
Specifications (measured @ Ta= 25°C, nominal input voltage, full load unless otherwise specified)
DC/DC Converter
ECO-4
REV.: 3/2018
www.recom-power.com
Notes:
Note5:
For repeat Hi-Pot testing, reduce the time and/or the test voltage
Note6:
Refer to local wiring regulations if input over-current protection is also required. Recommended fuse: T1A slow blow type
Protection Circuit
Single Output
Dual Output
C1
L1
F1
+Vin
-Vin
+Vout
-Vout
C1
L1
F1
+Vin
-Vin
+Vout
Com
-Vout



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com