Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R1DX Datasheet(PDF) 5 Page - Recom International Power

Part # R1DX
Description  1 Watt SMD Single & Dual Output
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

R1DX Datasheet(HTML) 5 Page - Recom International Power

  R1DX Datasheet HTML 1Page - Recom International Power R1DX Datasheet HTML 2Page - Recom International Power R1DX Datasheet HTML 3Page - Recom International Power R1DX Datasheet HTML 4Page - Recom International Power R1DX Datasheet HTML 5Page - Recom International Power R1DX Datasheet HTML 6Page - Recom International Power R1DX Datasheet HTML 7Page - Recom International Power R1DX Datasheet HTML 8Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
SAFETY AND CERTIFICATIONS
Certificate Type (Safety)
Report / File Number
Standard
Information Technology Equipment, General Requirements for Safety
E224736
UL60950-1, 2nd Edition 2014
CAN/CSA C22.2 No. 60950-1-07, 2nd Edition 2014
Information Technology Equipment, General Requirements for Safety (CB)
E224736-4788277362-2
IEC60950-1:2005 2nd Edition + A2:2013
Information Technology Equipment, General Requirements for Safety
EN60950-1:2006 + A2:2013
Audio/video, information and communication technology equipment - Safety requirements (LVD)
E224736
UL62368, 2nd Edition, 2014
CAN/CSA -C22.2 No. 62368-1-14, 2nd Edition, 2014
Audio/video, information and communication technology equipment - Safety requirements
E224736-4788277362-1
EN62368-1:2014 + A11:2017
Audio/video, information and communication technology equipment - Safety requirements (CB)
IEC62368-1:2014 2nd Edition
RoHS2+
RoHS 2011/65/EU + AM2015/863
EMC Compliance
Condition
Standard / Criterion
Information technology equipment - Radio disturbance characteristics - Limits and methods
of measurement
with external filter
(see filter suggestion)
EN55032:2015, Class B
Information technology equipment - Immunity characteristics
Limits and methods of measurement
EN55024:2010 +A1:2015
ESD Electrostatic discharge immunity test
R1DX
Air: ±8, 6, 4, 2kV
Contact: ±4, 2kV
IEC61000-4-2:2008, Criteria A
R1SX
Air: ±8, 6, 4, 2kV
Contact: ±4, 2kV
IEC61000-4-2:2008, Criteria B
Radiated, radio-frequency, electromagnetic field immunity test
3 V/m
IEC61000-4-3:2006 + A2:2010, Criteria A
Fast Transient and Burst Immunity
±0.5kV
IEC61000-4-4:2012, Criteria A
Surge Immunity
R1DX only
±0.5kV
IEC61000-4-5:2014, Criteria B
R1SX
IEC61000-4-5:2014, Criteria A
Immunity to conducted disturbances, induced by radio-frequency fields
3V r.m.s.
IEC61000-4-6:2013, Criteria A
Power Magnetic Field Immunity
50Hz / 1A/m
IEC61000-4-8:2009, Criteria A
continued on next page
DC/DC Converter
Specifications (measured @ Ta= 25°C, nominal input voltage, full load unless otherwise specified)
R1SX/R1DX
Series
ECO-5
REV.: 3/2018
www.recom-power.com
Derating Graph
(@ Chamber and natural convection 0.1m/s)
Single Output
Dual Output
-40
-20
0
20
40
70
60
-30
-10
10
30
50
80 90
110
100
100
80
60
40
90
70
50
30
20
10
0
Ambient Temperature [°C]
-40
-20
0
20
40
70
60
-30
-10
10
30
50
80 90
95
110
100
100
80
60
40
90
70
50
30
20
10
0
Ambient Temperature [°C]



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com