Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R1DX Datasheet(PDF) 3 Page - Recom International Power

Part # R1DX
Description  1 Watt SMD Single & Dual Output
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

R1DX Datasheet(HTML) 3 Page - Recom International Power

  R1DX Datasheet HTML 1Page - Recom International Power R1DX Datasheet HTML 2Page - Recom International Power R1DX Datasheet HTML 3Page - Recom International Power R1DX Datasheet HTML 4Page - Recom International Power R1DX Datasheet HTML 5Page - Recom International Power R1DX Datasheet HTML 6Page - Recom International Power R1DX Datasheet HTML 7Page - Recom International Power R1DX Datasheet HTML 8Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
DC/DC Converter
REGULATIONS
Parameter
Condition
Value
Output Accuracy
±5.0% max.
Line Regulation
low line to high line
±1.2% typ. at ±1.0% of Vin typ.
Load Regulation
10% to 100% load
single
output
3.3VDC
5VDC
10.0% typ. / 15.0% max.
7.0% typ. / 15.0% max.
dual output
3.3VDC, 5VDC
9VDC, 12VDC, 15VDC
10.0% typ. / 15.0% max.
8.0% typ. / 10.0% max.
Cross Regulation
dual output only
±6.5% max.
Specifications (measured @ Ta= 25°C, nominal input voltage, full load unless otherwise specified)
R1SX/R1DX
Series
ECO-3
REV.: 3/2018
www.recom-power.com
Tolerance Envelope
R1SX-3.33.3(/H)
R1DX-0505(/H)
R1SX-xx05(/H)
+15%
+10%
Vnom
+5%
-1%
-5%
10
50
100
Output Load [%]
Typical
Load
Line
+15%
+9%
Vnom
+5%
-2%
-5%
10
50
100
Output Load [%]
Typical
Load
Line
+15%
+7%
Vnom
+5%
-1%
-5%
10
50
100
Output Load [%]
Typical Load
Line
R1DX-0509(/H)
R1DX-0515(/H)
+10%
+7%
Vnom
+5%
-1%
-5%
10
50
100
Output Load [%]
Typical Load
Line
+10%
+5%
Vnom
+5%
-1%
-5%
10
50
100
Output Load [%]
Typical Load
Line
R1DX-0512(/H)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com