Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R1DX Datasheet(PDF) 2 Page - Recom International Power

Part # R1DX
Description  1 Watt SMD Single & Dual Output
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

R1DX Datasheet(HTML) 2 Page - Recom International Power

  R1DX Datasheet HTML 1Page - Recom International Power R1DX Datasheet HTML 2Page - Recom International Power R1DX Datasheet HTML 3Page - Recom International Power R1DX Datasheet HTML 4Page - Recom International Power R1DX Datasheet HTML 5Page - Recom International Power R1DX Datasheet HTML 6Page - Recom International Power R1DX Datasheet HTML 7Page - Recom International Power R1DX Datasheet HTML 8Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
DC/DC Converter
BASIC CHARACTERISTICS
Parameter
Condition
Min.
Typ.
Max.
Internal Input Filter
capacitor
Input Voltage Range
±10.0%
Quiescent Current
40mA
Minimum Load
0%
Internal Operating Frequency
20kHz
60kHz
100kHz
Output Ripple and Noise (4)
20MHz BW
100mVp-p
ECO-2
REV.: 3/2018
www.recom-power.com
R1SX/R1DX
Series
Specifications (measured @ Ta= 25°C, nominal input voltage, full load unless otherwise specified)
Efficiency vs. Load
R1SX-3.33.3(/H)
R1DX-05xx(/H)
R1SX-xx05(/H)
0
10
20
30
40
50
60
70
80
90
100
100
80
60
40
90
70
50
30
20
10
0
Output Load [%]
3.3Vin
5Vin
DX-xx05
0
10
20
30
40
50
60
70
80
90
100
100
80
60
40
90
70
50
30
20
10
0
Output Load [%]
SX-3.33-3
0
10
20
30
40
50
60
70
80
90
100
100
80
60
40
90
70
50
30
20
10
0
Output Load [%]
5Vout
9Vout
12Vout
15Vout
DX-05xx
Notes:
Note4: Measurements are made with a 0.1µF MLCC across output. (low ESR)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com