Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5014 Datasheet(PDF) 9 Page - Cirrus Logic

Part # CS5014
Description  16,14 & 12-BIT SELF CALIBRATING A/D CONVERTERS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5014 Datasheet(HTML) 9 Page - Cirrus Logic

Back Button CS5014 Datasheet HTML 5Page - Cirrus Logic CS5014 Datasheet HTML 6Page - Cirrus Logic CS5014 Datasheet HTML 7Page - Cirrus Logic CS5014 Datasheet HTML 8Page - Cirrus Logic CS5014 Datasheet HTML 9Page - Cirrus Logic CS5014 Datasheet HTML 10Page - Cirrus Logic CS5014 Datasheet HTML 11Page - Cirrus Logic CS5014 Datasheet HTML 12Page - Cirrus Logic CS5014 Datasheet HTML 13Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
90%
10%
tfall
rise
t
90%
10%
Hi-Z
Hi-Z
ch
t
t cs
tah
tfd
tas
tra
tca
HOLD
EOC
Output Data
thpw
tc
LAST CONVERSION DATA VALID
tdd
NEW DATA VALID
t epw
D0-D15
A0
CS
RD
CAL, INTRLV
SDATA
t ss
t sh
SCLK
t pwl
tpwh
Rise and Fall Times
Conversion Timing
Serial Output Timing
Read and Calibration Control Timing
CS5012A, CS5014, CS5016
DS14F8
2-15
CS5012A CS5014 CS5016
DS14F9
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com