Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5014 Datasheet(PDF) 35 Page - Cirrus Logic

Part # CS5014
Description  16,14 & 12-BIT SELF CALIBRATING A/D CONVERTERS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5014 Datasheet(HTML) 35 Page - Cirrus Logic

Back Button CS5014 Datasheet HTML 31Page - Cirrus Logic CS5014 Datasheet HTML 32Page - Cirrus Logic CS5014 Datasheet HTML 33Page - Cirrus Logic CS5014 Datasheet HTML 34Page - Cirrus Logic CS5014 Datasheet HTML 35Page - Cirrus Logic CS5014 Datasheet HTML 36Page - Cirrus Logic CS5014 Datasheet HTML 37Page - Cirrus Logic CS5014 Datasheet HTML 38Page - Cirrus Logic CS5014 Datasheet HTML 39Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 40 page
background image
A0 – Read Address, PIN
26.
Determines whether data or status information is placed onto the data bus. When high during the
read operation, converted data is placed onto the data bus; when low, the status register is driven
onto the bus.
BP/UP – Bipolar/Unipolar Input Select, PIN
27.
When high, the device is configured with a bipolar transfer function ranging from -VREF to
+VREF. Encoding is in an offset binary format, with the mid-scale code 100...0000 centered at
AGND. When low, the device is configured for a unipolar transfer function from AGND to VREF.
Unipolar encoding is in straight binary format. Once calibration has been performed, either bipolar
or unipolar mode may be selected without the need to recalibrate.
RST – Reset, PIN
36.
When taken high for at least 100 ns, all internal digital logic is reset. Upon being taken low, a full
calibration sequence is initiated.
BW – Bus Width Select, PIN
37.
When hard-wired high, all 12 data bits are driven onto the bus simultaneously during a data read
cycle. When low, the bus is in a byte wide format. On the first read following a conversion, the
eight MSB’s are driven onto D0-D7. A second read cycle places the four LSB’s with four trailing
zeros on D0-D7. Subsequent reads will toggle the higher/lower order byte. Regardless of BW’s
status, a read cycle with A0 low yields the status information on D0-D7.
INTRLV – Interleave, PIN
38.
When latched low using CS, the device goes into interleave calibration mode. A full calibration
will complete every 2,014 conversions in the CS5012A, and every 72,051 conversions in the
CS5014/16. The effective conversion time extends by 20 clock cycles.
CAL – Calibrate, PIN
39.
When latched high using CS, burst calibration results. The device cannot perform conversions
during the calibration period which will terminate only once CAL is latched low again.
Calibration picks up where the previous calibration left off, and calibration cycles complete every
58,280 CLKIN cycles in the CS5012A, and every 1,441,020 CLKIN cycles in the CS5014/16 . If
the device is converting when a calibration is signaled, it will wait until that conversion completes
before beginning.
Analog Inputs
AIN – Analog Input, PIN
29.
Input range in the unipolar mode is zero volts to VREF. Input range in bipolar mode is -VREF to
+VREF. The output impedance of buffer driving this input should be less than or equal to 200
Ω.
CS5012A, CS5014, CS5016
2-42
DS14F8
CS5012A CS5014 CS5016
DS14F9
35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com