Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5014 Datasheet(PDF) 23 Page - Cirrus Logic

Part # CS5014
Description  16,14 & 12-BIT SELF CALIBRATING A/D CONVERTERS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5014 Datasheet(HTML) 23 Page - Cirrus Logic

Back Button CS5014 Datasheet HTML 19Page - Cirrus Logic CS5014 Datasheet HTML 20Page - Cirrus Logic CS5014 Datasheet HTML 21Page - Cirrus Logic CS5014 Datasheet HTML 22Page - Cirrus Logic CS5014 Datasheet HTML 23Page - Cirrus Logic CS5014 Datasheet HTML 24Page - Cirrus Logic CS5014 Datasheet HTML 25Page - Cirrus Logic CS5014 Datasheet HTML 26Page - Cirrus Logic CS5014 Datasheet HTML 27Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 40 page
background image
Power Supply Rejection
The CS5012A/14/16’s power supply rejection
performance is enhanced by the on-chip self-cali-
bration and an "auto-zero" process. Drifts in
power supply voltages at frequencies less than the
calibration rate have negligible effect on the
CS5012A/14/16’s accuracy. This is because the
CS5012A/14/16 adjust their offset to within a
small fraction of an LSB during calibration.
Above the calibration frequency the excellent
power supply rejection of the internal amplifiers
is augmented by an auto-zero process. Any
offsets are stored on the capacitor array and are
effectively subtracted once conversion is initiated.
Figure 13 shows power supply rejection of the
CS5012A/14/16 in the bipolar mode with the
analog input grounded and a 300 mVp-p ripple
applied to each supply. Power supply rejection
improves by 6 dB in the unipolar mode.
The plot in Figure 13 shows worst-case rejection
for all combinations of conversion rates and input
conditions in the bipolar mode.
CS5012A/14/16 PERFORMANCE
Differential Nonlinearity
One source of nonlinearity in A/D converters is
bit weight errors. These errors arise from the de-
viation of bits from their ideal binary-weighted
ratios, and lead to nonideal widths for each code.
If DNL errors are large, and code widths shrink
to zero, it is possible for one or more codes to be
entirely missing. The CS5012A/14/16 calibrate
all bits in the capacitor array to a small fraction
of an LSB resulting in nearly ideal DNL. Histo-
gram plots of typical DNL of the CS5012A/14/16
can be seen in Figures 14, 15, 16.
A histogram test is a statistical method of deriv-
ing an A/D converter’s differential nonlinearity. A
ramp is input to the A/D and a large number of
samples are taken to insure a high confidence
level in the test’s result. The number of occur-
rences for each code is monitored and stored. A
perfect A/D converter would have all codes of
equal size and therefore equal numbers of occur-
rences. In the histogram test a code with the
average number of occurrences will be consid-
ered ideal (DNL = 0). A code with more or less
occurrences than average will appear as a DNL
of greater or less than zero LSB. A missing code
has zero occurrences, and will appear as a DNL
of -1 LSB.
Integral Nonlinearity
Integral Nonlinearity (INL; also termed Relative
Accuracy or just Nonlinearity) is defined as the
deviation of the transfer function from an ideal
straight line. Bows in the transfer curve generate
harmonic distortion. The worst-case condition of
bit-weight errors (DNL) has traditionally also de-
fined the point of maximum INL.
Bit-weight errors have a drastic effect on a con-
verter’s ac performance. They can be analyzed as
step functions superimposed on the input signal.
Power Supply Ripple Frequency
1 kHz
10 kHz
100 kHz
1 MHz
90
80
70
60
50
40
30
20
Figure 13. Power Supply Rejection
CS5012A, CS5014, CS5016
DS14F8
2-29
CS5012A CS5014 CS5016
DS14F9
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com