Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5014 Datasheet(PDF) 22 Page - Cirrus Logic

Part # CS5014
Description  16,14 & 12-BIT SELF CALIBRATING A/D CONVERTERS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5014 Datasheet(HTML) 22 Page - Cirrus Logic

Back Button CS5014 Datasheet HTML 18Page - Cirrus Logic CS5014 Datasheet HTML 19Page - Cirrus Logic CS5014 Datasheet HTML 20Page - Cirrus Logic CS5014 Datasheet HTML 21Page - Cirrus Logic CS5014 Datasheet HTML 22Page - Cirrus Logic CS5014 Datasheet HTML 23Page - Cirrus Logic CS5014 Datasheet HTML 24Page - Cirrus Logic CS5014 Datasheet HTML 25Page - Cirrus Logic CS5014 Datasheet HTML 26Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 40 page
background image
Analog Input Range/Coding Format
The reference voltage directly defines the input
voltage range in both the unipolar and bipolar
configurations. In the unipolar configuration
(BP/UP low), the first code transition occurs
0.5 LSB above AGND, and the final code transi-
tion occurs 1.5 LSB’s below VREF. Coding is in
straight binary format. In the bipolar configura-
tion (BP/UP high), the first code transition occurs
0.5 LSB above -VREF and the last transition oc-
curs 1.5 LSB’s below +VREF. Coding is in an
offset-binary format. Positive full scale gives a
digital output of all ones, and negative full scale
gives a digital output of all zeros.
The BP/UP mode pin may be switched after cali-
bration without having to recalibrate the
converter. However, the BP/UP mode should be
changed during the previous conversion cycle,
that is, between HOLD falling and EOC falling.
If BP/UP is changed at any other time, one
dummy conversion cycle must be allowed for
proper acquisition of the input.
Grounding and Power Supply Decoupling
The CS5012A/14/16 use the analog ground con-
nection, AGND, only as a reference voltage. No
dc power currents flow through the AGND con-
nection, and it is completely independent of
DGND. However, any noise riding on the AGND
input relative to the system’s analog ground will
induce conversion errors. Therefore, both the ana-
log input and reference voltage should be referred
to the AGND pin, which should be used as the
entire system’s analog ground reference point.
The digital and analog supplies to the
CS5012A/14/16 are pinned out separately to
minimize coupling between the analog and digital
sections of the chip. All four supplies should be
decoupled to their respective grounds using
0.1
µF ceramic capacitors. If significant low-fre-
quency noise is present on the supplies, 1
µF
tantalum capacitors are recommended in parallel
with the 0.1
µF capacitors.
The p ositive d igital power supply of the
CS5012A/14/16 must never exceed the positive
analog supply by more than a diode drop or the
device could experience permanent damage. If
the two supplies are derived from separate
sources, care must be taken that the analog sup-
ply comes up first at power-up. The system
connection diagram in Figure 36 shows a decou-
pling scheme which allows the CS5012A/14/16
to be powered from a single set of
± 5V rails.
As with any high-precision A/D converter, the
CS5012A/14/16 require careful attention to
grounding and layout arrangements. However, no
unique layout issues must be addressed to prop-
erly apply the device.
CS5012A, CS5014, CS5016
2-28
DS14F8
CS5012A CS5014 CS5016
22
DS14F9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com