Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5014 Datasheet(PDF) 29 Page - Cirrus Logic

Part # CS5014
Description  16,14 & 12-BIT SELF CALIBRATING A/D CONVERTERS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5014 Datasheet(HTML) 29 Page - Cirrus Logic

Back Button CS5014 Datasheet HTML 25Page - Cirrus Logic CS5014 Datasheet HTML 26Page - Cirrus Logic CS5014 Datasheet HTML 27Page - Cirrus Logic CS5014 Datasheet HTML 28Page - Cirrus Logic CS5014 Datasheet HTML 29Page - Cirrus Logic CS5014 Datasheet HTML 30Page - Cirrus Logic CS5014 Datasheet HTML 31Page - Cirrus Logic CS5014 Datasheet HTML 32Page - Cirrus Logic CS5014 Datasheet HTML 33Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 40 page
background image
are therefore used to remove frequency compo-
nents in the input signal which are above one-half
the sample rate. However, all wideband noise in-
troduced by the CS5016 still aliases into the
baseband. This "white" noise is evenly spread
from dc to one-half the sampling rate and inte-
grates to 35
µV rms in unipolar mode.
Noise can be reduced by sampling at higher than
the desired word rate and averaging multiple
samples for each word. Oversampling spreads the
CS5016’s noise over a wider band (for lower
noise density), and averaging applies a low-pass
response which filters noise above the desired
signal bandwidth. In general, the CS5016’s noise
performance can be maximized in any application
by always sampling at the maximum specified
rate of 50 kHz (for lowest noise density) and
digitally filtering to the desired signal bandwidth.
CS5014 and CS5016 Sampling Distortion
The ultimate limitation on the CS5014/16’s
linearity (and distortion) arises from nonideal
sampling of the analog input voltage. The cali-
brated capacitor array used during conversions is
also used to track and hold the analog input sig-
nal. The conversion is not performed on the
analog input voltage per se, but is actually per-
formed on the charge trapped on the capacitor ar-
ray at the moment the HOLD command is given.
The charge on the array is ideally related to the
analog input voltage by Qin = -Vin x Ctot as
shown in Figure 2. Any deviation from this ideal
relationship will result in conversion errors even
if the conversion process proceeds flawlessly.
At dc, the DAC capacitor array’s voltage coeffi-
cient dictates the converter’s linearity. This
variation in capacitance with respect to applied
signal voltage yields a nonlinear relationship be-
tween charge Qin and the analog input voltage
Vin and places a bow or wave in the transfer
function. This is the dominant source of distor-
tion at low input frequencies (Figures 21 and 23).
The ideal relationship between Qin and Vin can
also be distorted at high signal frequencies due to
nonlinearities in the internal MOS switches. Dy-
namic signals cause ac current to flow through
the switches connecting the capacitor array to the
analog input pin in the track mode. Nonlinear on-
resistance in the switches causes a nonlinear
voltage drop. This effect worsens with increased
signal frequency as shown in Figures 25 and 27
since the magnitude of the steady state current in-
creases. First noticeable at 1 kHz, this distortion
assumes a linear relationship with input fre-
quency. With signals 20 dB or more below
full-scale, it no longer dominates the converter’s
overall S/(N+D) performance (Figures 30-33).
This distortion is strictly an ac sampling phe-
nomenon. If significant energy exists at high
frequencies, the effect can be eliminated using an
external track-and-hold amplifier to allow the ar-
ray’s charge current to decay, thereby eliminating
any voltage drop across the switches. Since the
CS5014/16 has a second sampling function on-
chip, the external track-and-hold can return to the
track mode once the converter’s HOLD input
falls. It need only acquire the analog input by the
time the entire conversion cycle finishes.
Code (Hexadecimal)
Counts:
0
11
911
3470
599
9
0
80CB
80CC
80CD
80CF
80D0
80CE
80CA
1000
2000
3000
4000
5000
Count
Noiseless
CS5016
Converter
Figure
29. Histogram Plot of 5000 Conversion
Inputs from the CS5016
CS5012A, CS5014, CS5016
DS14F8
2-35
CS5012A CS5014 CS5016
DS14F9
29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com