Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL78310 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # ISL78310
Description  High Performance 1A LDO
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL78310 Datasheet(HTML) 5 Page - Renesas Technology Corp

  ISL78310 Datasheet HTML 1Page - Renesas Technology Corp ISL78310 Datasheet HTML 2Page - Renesas Technology Corp ISL78310 Datasheet HTML 3Page - Renesas Technology Corp ISL78310 Datasheet HTML 4Page - Renesas Technology Corp ISL78310 Datasheet HTML 5Page - Renesas Technology Corp ISL78310 Datasheet HTML 6Page - Renesas Technology Corp ISL78310 Datasheet HTML 7Page - Renesas Technology Corp ISL78310 Datasheet HTML 8Page - Renesas Technology Corp ISL78310 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
ISL78310
FN7810 Rev 2.00
Page 5 of 14
November 7, 2014
Absolute Maximum Ratings
Thermal Information
VIN relative to GND (Note 6) . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to + 6.5V
VOUT relative to GND (Note 6). . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to + 6.5V
PG, ENABLE, SENSE/ADJ, SS
Relative to GND (Note 6) . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to + 6.5V
Recommended Operating Conditions (Notes 9, 10)
Junction Temperature Range (TJ) (Note 9) . . . . . . . . . . . .-40°C to +125°C
VIN relative to GND. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .2.2V to 6V
VOUT range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 800mV to 5V
PG, ENABLE, SENSE/ADJ, SS relative to GND . . . . . . . . . . . . . . .0V to + 6V
PG Sink Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . <10mA
Thermal Resistance . . . . . . . . . . . . . . . . . . . .
JA (°C/W) JC (°C/W)
10 Ld DFN Package (Notes 7, 8) . . . . . . . .
48
7
Storage Temperature Range. . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .+150°C
Pb-Free Reflow Profile . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . see TB493
ESD Rating
Human Body Model (Tested per JESD22-A114E) . . . . . . . . . . . . . . . . .2.5kV
Machine Model (Tested per JESD-A115-A) . . . . . . . . . . . . . . . . . . . . . 250V
Charge Device Model (Tested per AEC-Q100-011) . . . . . . . . . . . . . . . . . 1kV
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product
reliability and result in failures not covered by warranty.
NOTES:
6. Absolute maximum voltage rating is defined as the voltage applied for a lifetime average duty cycle above 6V of 1%.
7.
JA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See Tech
Brief TB379.
8. For
JC, the “case temp” location is the center of the exposed metal pad on the package underside.
9. Extended operation at these conditions may compromise reliability. Exceeding these limits will result in damage. Recommended operating conditions
define limits where specifications are guaranteed.
10. Electromigration specification defined as lifetime average junction temperature of +110°C where max rated DC current = lifetime average current.
Electrical Specifications Unless otherwise noted, VIN = VOUT + 0.4V, VOUT = 1.8V, CIN = COUT = 10µF, TJ = +25°C, ILOAD = 0A.
Applications must follow thermal guidelines of the package to determine worst case junction temperature. Please refer to “ISL78310 Schematic Block
Diagram” on page 4 and Tech Brief TB379. Boldface limits apply across the operating temperature range, -40°C to +125°C.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
(Note 11)TYP
MAX
(Note 11)UNITS
DC CHARACTERISTICS
DC Output Voltage Accuracy
VOUT
VOUT Options: 0.8V, 1.2V, 1.5V and 1.8V
2.2V
 VIN < 3.6V; 0A < ILOAD  1A
-1.8
0.2
1.8
%
VOUT Options: 2.5V, 3.3V and 5.0V
VOUT + 0.4V  VIN  6V; 0A < ILOAD < 1A
-1.8
0.2
1.8
%
Feedback Pin (ADJ Option Only)
VADJ
2.2V
VIN  6V, 0A < ILOAD < 1A
491
500
509
mV
DC Input Line Regulation
VOUT/
VIN
VOUT + 0.5V < VIN < 5V
1
%
DC Output Load Regulation
VOUT/
IOUT
0A < ILOAD < 1A, All voltage options
-1
%
Feedback Input Current
VADJ = 0.5V
0.01
1
µA
Ground Pin Current
IQ
ILOAD = 0A, 2.2V < VIN < 6V
3
5
mA
ILOAD = 1A, 2.2V < VIN < 6V
5
7
mA
Ground Pin Current in Shutdown
ISHDN
ENABLE Pin = 0V, VIN = 6V
0.2
12
µA
Dropout Voltage (Note 12)VDO
ILOAD = 1A, VOUT = 2.5V
130
212
mV
Output Short Circuit Current
OCP
VOUT = 0V, 2.2V < VIN < 6V
1.75
A
Thermal Shutdown Temperature
TSD
2.2V < VIN < 6V
160
°C
Thermal Shutdown Hysteresis
(Rising Threshold)
TSDn
2.2V < VIN < 6V
30
°C
AC CHARACTERISTICS
Input Supply Ripple Rejection
PSRR
f = 1kHz, ILOAD = 1A; VIN = 2.2V
58
dB
f = 120Hz, ILOAD = 1A; VIN = 2.2V
72
dB
Output Noise Voltage
ILOAD = 1A, BW = 10Hz < f < 100kHz
63
µVRMS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com