Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL78310 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ISL78310
Description  High Performance 1A LDO
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL78310 Datasheet(HTML) 1 Page - Renesas Technology Corp

  ISL78310 Datasheet HTML 1Page - Renesas Technology Corp ISL78310 Datasheet HTML 2Page - Renesas Technology Corp ISL78310 Datasheet HTML 3Page - Renesas Technology Corp ISL78310 Datasheet HTML 4Page - Renesas Technology Corp ISL78310 Datasheet HTML 5Page - Renesas Technology Corp ISL78310 Datasheet HTML 6Page - Renesas Technology Corp ISL78310 Datasheet HTML 7Page - Renesas Technology Corp ISL78310 Datasheet HTML 8Page - Renesas Technology Corp ISL78310 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
FN7810 Rev 2.00
Page 1 of 14
November 7, 2014
FN7810
Rev 2.00
November 7, 2014
ISL78310
High Performance 1A LDO
DATASHEET
The ISL78310 is a low dropout voltage, high-current, single
output LDO specified for 1A output current. This part operates
from input voltages down to 2.2V and up to 6V. The part offers
fixed and external resistor adjustable output voltages from
0.8V to 5V. Custom voltage options are available upon request.
For applications that desire to set the in-rush current to less
than the current limit of the part, or for applications that
require turn-on time control, an external capacitor can be
placed on the soft-start pin for maximum control. A supply-
independent ENABLE signal allows the part to be placed into a
low quiescent current shutdown mode. Sub-micron CMOS
process is used for this product family to deliver best-in-class
analog performance and overall value.
This CMOS LDO consumes significant lower quiescent (ground
pin) current as a function of load over bipolar LDOs, which
translates into higher efficiency and packages with smaller
footprints. Quiescent current is optimized to achieve a very fast
load transient response.
The ISL78310 is AEC-Q100 rated. The ISL78310 is rated for
the automotive temperature range (-40°C to +125°C).
Applications
•Core & I/O power
• Camera modules
• Post regulation of switched supplies
•Radio systems
• Infotainment systems
Features
• 2.2V to 6V input supply
• 130mV dropout voltage typical (at 1A)
• Fast load transient response
• ±0.2% initial VOUT accuracy
• Adjustable in-rush current limiting
• 58dB typical PSRR
• 63µVRMS output noise at VOUT = 1.8V
• Power-good feature
• 500mV feedback voltage
• Supply-independent 1V enable input threshold
• Short-circuit current protection
• 1A peak reverse current
• Over-temperature shutdown
• Any cap stable with minimum 10µF ceramic
• ±1.8% guaranteed VOUT accuracy for junction temperature
range from -40°C to +125°C
• Available in a 10 Lead DFN package
• Pb-free (RoHS compliant)
• AEC-Q100 qualified
Pin Configuration
ISL78310
(10 LD 3x3 DFN)
TOP VIEW
2
3
4
1
5
9
8
7
10
6
VOUT
VOUT
SENSE/ADJ
PG
GND
VIN
VIN
NC
ENABLE
SS
PAD


Similar Part No. - ISL78310

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL78310 INTERSIL-ISL78310 Datasheet
659Kb / 13P
High Performance 1A LDO
February 17, 2011
ISL78310 INTERSIL-ISL78310 Datasheet
536Kb / 14P
High Performance 1A LDO
November 7, 2014
ISL78310ARAJZ INTERSIL-ISL78310ARAJZ Datasheet
659Kb / 13P
High Performance 1A LDO
February 17, 2011
ISL78310ARAJZ INTERSIL-ISL78310ARAJZ Datasheet
536Kb / 14P
High Performance 1A LDO
November 7, 2014
ISL78310ARAJZ-TR5303 INTERSIL-ISL78310ARAJZ-TR5303 Datasheet
659Kb / 13P
High Performance 1A LDO
February 17, 2011
More results

Similar Description - ISL78310

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL80101 INTERSIL-ISL80101 Datasheet
544Kb / 15P
High Performance 1A LDO
ISL78310 INTERSIL-ISL78310 Datasheet
659Kb / 13P
High Performance 1A LDO
February 17, 2011
ISL80101 INTERSIL-ISL80101_11 Datasheet
583Kb / 11P
High Performance 1A LDO
August 31, 2011
ISL80101IRAJZ-TK INTERSIL-ISL80101IRAJZ-TK Datasheet
583Kb / 11P
High Performance 1A LDO
ISL78310ARAJZ INTERSIL-ISL78310ARAJZ Datasheet
536Kb / 14P
High Performance 1A LDO
November 7, 2014
ISL80101IRAJZ INTERSIL-ISL80101IRAJZ Datasheet
499Kb / 12P
High Performance 1A LDO
August 26, 2015
ISL80510IRAJZ INTERSIL-ISL80510IRAJZ Datasheet
808Kb / 13P
High Performance 1A LDO
July 28, 2015
logo
Altera Corporation
EY1501DI-ADJ ALTERA-EY1501DI-ADJ Datasheet
1Mb / 13P
EY1501DI-ADJ High Performance 1A LDO
logo
Renesas Technology Corp
ISL80101 RENESAS-ISL80101 Datasheet
747Kb / 12P
High Performance 1A LDO
ISL80510 RENESAS-ISL80510 Datasheet
1Mb / 13P
High Performance 1A LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com