Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL78310 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # ISL78310
Description  High Performance 1A LDO
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL78310 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button ISL78310 Datasheet HTML 5Page - Renesas Technology Corp ISL78310 Datasheet HTML 6Page - Renesas Technology Corp ISL78310 Datasheet HTML 7Page - Renesas Technology Corp ISL78310 Datasheet HTML 8Page - Renesas Technology Corp ISL78310 Datasheet HTML 9Page - Renesas Technology Corp ISL78310 Datasheet HTML 10Page - Renesas Technology Corp ISL78310 Datasheet HTML 11Page - Renesas Technology Corp ISL78310 Datasheet HTML 12Page - Renesas Technology Corp ISL78310 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
ISL78310
FN7810 Rev 2.00
Page 9 of 14
November 7, 2014
Applications Information
Input Voltage Requirements
The ISL78310 is capable of delivering output voltages from 0.8V
to 5.0V. Due to the nature of an LDO, VIN must be some margin
higher than the output voltage plus dropout at the maximum
rated current of the application if active filtering (PSRR) is
expected from VIN to VOUT. The generous dropout specification of
this family of LDOs allows applications to design for a level of
efficiency that can accommodate profiles smaller than the
TO220/263.
External Capacitor Requirements
GENERAL GUIDELINE
External capacitors are required for proper operation. Careful
attention must be paid to layout guidelines and selection of
capacitor type and value to ensure optimal performance.
OUTPUT CAPACITOR
The ISL78310 applies state of the art internal compensation to
keep the selection of the output capacitor simple for the
customer. Stable operation over full temperation, VIN range, VOUT
range and load extremes are guaranteed for all capacitor types
and values assuming a minimum of 10µF X5R/X7R is used for
local bypass on VOUT. This output capacitor must be connected to
the VOUT and GND pins of the LDO with PCB traces no longer than
0.5cm. Additional capacitors of any value in ceramic, POSCAP,
alum/tantalum electrolytic types may be placed in parallel to
improve PSRR at higher frequencies and/or load transient AC
output voltage tolerances.
INPUT CAPACITOR
For proper operation, a minimum capacitance of 10µF X5R/X7R
is required at the input. This ceramic input capacitor must be
connected to VIN and GND pins of the LDO with PCB traces no
longer than 0.5cm.
Phase Boost Capacitor (CPB)
A small phase boost capacitor, CPB, can be placed across the top
resistor in the feedback resistor divider network (Figure 13) in
order to place a zero at:
This zero increases the crossover frequency of the LDO and
provides additional phase resulting in faster load transient
response.
It is also important to note that the LDO stability and load transient
are affected by the type of output capacitor used. For optimal
result, empirical tuning of CPB is suggested for each specific
application. It is recommended to not use CPB when high ESR
capacitors such as aluminum electrolytic or tantalum are used.
Table 1 shows the recommended CPB, RTOP, RBOTTOM and CPB
values for different output voltage rails.
FIGURE 12. SPECTRAL NOISE DENSITY vs FREQUENCY
Typical Operating Performance Unless otherwise noted: V
IN = 2.2V, VOUT = 1.8V, CIN = COUT = 10µF, TJ = +25°C,
IL = 0A. (Continued)
0.001
0.01
0.1
1
10
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
ILOAD = 1A
(EQ. 1)
FZ
12 pi RTOP CPB

=
ISL78310
CIN
RTOP
RBOTTOM
CPB
VIN
VOUT
EN
SS
PG
COUT
ADJ
FIGURE 13.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com