Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL78310 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # ISL78310
Description  High Performance 1A LDO
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL78310 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button ISL78310 Datasheet HTML 3Page - Renesas Technology Corp ISL78310 Datasheet HTML 4Page - Renesas Technology Corp ISL78310 Datasheet HTML 5Page - Renesas Technology Corp ISL78310 Datasheet HTML 6Page - Renesas Technology Corp ISL78310 Datasheet HTML 7Page - Renesas Technology Corp ISL78310 Datasheet HTML 8Page - Renesas Technology Corp ISL78310 Datasheet HTML 9Page - Renesas Technology Corp ISL78310 Datasheet HTML 10Page - Renesas Technology Corp ISL78310 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
ISL78310
FN7810 Rev 2.00
Page 7 of 14
November 7, 2014
Typical Operating Performance Unless otherwise noted: V
IN = 2.2V, VOUT = 1.8V, CIN = COUT = 10µF, TJ = +25°C,
IL = 0A.
FIGURE 3. VOUT vs TEMPERATURE
FIGURE 4. VOUT vs SUPPLY VOLTAGE
FIGURE 5. VOUT vs LOAD CURRENT
FIGURE 6. GROUND CURRENT vs SUPPLY VOLTAGE
FIGURE 7. GROUND CURRENT vs LOAD CURRENT
FIGURE 8. DROPOUT VOLTAGE vs TEMPERATURE
-1.8
-1.2
-0.6
0
0.6
1.2
1.8
-50
-25
0
25
50
75
100
125
150
JUNCTION TEMPERATURE (°C)
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
024
6
SUPPLY VOLTAGE (V)
13
5
+125°C
+25°C
-40°C
-1.8
-1.2
-0.6
0
0.6
1.2
1.8
0
0.25
0.50
0.75
1.00
LOAD CURRENT (A)
+125°C
+25°C
-40°C
0
1
2
3
4
5
24
INPUT VOLTAGE (V)
35
6
1.50
1.75
2.00
2.25
2.50
2.75
3.00
3.25
3.50
0
0.25
0.50
0.75
1.00
LOAD CURRENT (A)
-40°C
+125°C
+25°C
0
20
40
60
80
100
120
140
160
180
200
-40 -25 -10
5
20
35
50
65
80
95 110 125
TEMPERATURE (°C)
VOUT = 2.5V
ILOAD = 1A
ILOAD = 500mA
ILOAD = 100mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com