Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL78310 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ISL78310
Description  High Performance 1A LDO
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL78310 Datasheet(HTML) 2 Page - Renesas Technology Corp

  ISL78310 Datasheet HTML 1Page - Renesas Technology Corp ISL78310 Datasheet HTML 2Page - Renesas Technology Corp ISL78310 Datasheet HTML 3Page - Renesas Technology Corp ISL78310 Datasheet HTML 4Page - Renesas Technology Corp ISL78310 Datasheet HTML 5Page - Renesas Technology Corp ISL78310 Datasheet HTML 6Page - Renesas Technology Corp ISL78310 Datasheet HTML 7Page - Renesas Technology Corp ISL78310 Datasheet HTML 8Page - Renesas Technology Corp ISL78310 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
ISL78310
FN7810 Rev 2.00
Page 2 of 14
November 7, 2014
Pin Descriptions
PIN #
PIN NAME
DESCRIPTION
1, 2
VOUT
Regulated output voltage. A minimum 10µF X5R/X7R output capacitor is required for stability. See “External
Capacitor Requirements” on page 9 for more details.
3
SENSE/ADJ
For internally fixed VOUT option, this pin provides output voltage feedback. By connecting this pin to the output rail
at the load, small voltage drops caused by PCB trace resistance can be eliminated.
For the adjustable output voltage option, this pin is connected to the feedback resistor divider and provides voltage
feedback signals for the LDO to set the output voltage.
4
PG
This is an open drain logic output used to indicate the status of the output voltage. Logic low indicates VOUT is not
in regulation. Must be grounded if not used.
5GND
Ground.
6
SS
External capacitor on this pin adjusts start-up ramp and controls in-rush current.
7
ENABLE
VIN independent chip enable. TTL and CMOS compatible.
8
NC
Do not connect this pin to ground or supply. Leave floating.
9, 10
VIN
Input supply pin. A minimum 10µF X5R/X7R input capacitor is required for stability. See “External Capacitor
Requirements” on page 9 for more details.
EPAD
EPAD at ground potential. Soldering it directly to GND plane is required for thermal considerations. See “Heatsinking
the DFN Package” on page 12 for more details.
Ordering Information
PART NUMBER
(Notes 1, 3, 4)
PART
MARKING
VOUT VOLTAGE
(Note 2)
TEMP
RANGE (°C)
PACKAGE
(Pb-Free)
PKG
DWG. #
ISL78310ARAJZ
DZAE
ADJ
-40 to +125
10 Ld 3x3 DFN
L10.3x3
NOTES:
1. Add “-T*” suffix for tape and reel. Please refer to TB347 for details on reel specifications.
2. For other output voltages, contact Intersil Marketing.
3. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte
tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil
Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
4. For Moisture Sensitivity Level (MSL), please see device information page for ISL78310. For more information on MSL please see techbrief TB363.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com