Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1592IMTR Datasheet(PDF) 5 Page - Semtech Corporation

Part # SC1592IMTR
Description  Low Dropout High Performance Adjustable Positive Voltage Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1592IMTR Datasheet(HTML) 5 Page - Semtech Corporation

  SC1592IMTR Datasheet HTML 1Page - Semtech Corporation SC1592IMTR Datasheet HTML 2Page - Semtech Corporation SC1592IMTR Datasheet HTML 3Page - Semtech Corporation SC1592IMTR Datasheet HTML 4Page - Semtech Corporation SC1592IMTR Datasheet HTML 5Page - Semtech Corporation SC1592IMTR Datasheet HTML 6Page - Semtech Corporation SC1592IMTR Datasheet HTML 7Page - Semtech Corporation SC1592IMTR Datasheet HTML 8Page - Semtech Corporation SC1592IMTR Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
5
 2004 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC1592
Block Diagram
Figure 1
I
LIM = Selected current limit value
V
OUT = Regulated output voltage
R
LIM = Externally programmable current limit resistor.
Accuracy of the current limit setting is better than ±20% over full operating temperature range.
*Internal ESD structure. In cases where EN is permanently tied to V
IN, it’s recommended that a 10-20k
resistor should be inserted in the link between EN and V
IN.
≈
LIM
OUT
LIM
I
V
X
240
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com