Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1592IMTR Datasheet(PDF) 3 Page - Semtech Corporation

Part # SC1592IMTR
Description  Low Dropout High Performance Adjustable Positive Voltage Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1592IMTR Datasheet(HTML) 3 Page - Semtech Corporation

  SC1592IMTR Datasheet HTML 1Page - Semtech Corporation SC1592IMTR Datasheet HTML 2Page - Semtech Corporation SC1592IMTR Datasheet HTML 3Page - Semtech Corporation SC1592IMTR Datasheet HTML 4Page - Semtech Corporation SC1592IMTR Datasheet HTML 5Page - Semtech Corporation SC1592IMTR Datasheet HTML 6Page - Semtech Corporation SC1592IMTR Datasheet HTML 7Page - Semtech Corporation SC1592IMTR Datasheet HTML 8Page - Semtech Corporation SC1592IMTR Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
3
 2004 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC1592
Electrical Characteristics (Cont.)
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
t
s
e
Tn
i
Mp
y
Tx
a
Ms
t
i
n
U
n
w
o
d
t
u
h
S
l
a
m
r
e
h
TT
T
U
H
S
0
5
1C
°
n
w
o
d
t
u
h
S
l
a
m
r
e
h
T
s
i
s
e
r
e
t
s
y
H
0
1C
°
t
n
e
r
r
u
C
t
u
p
n
I
E
S
N
E
S
1A
µ
N
E
l
e
v
e
L
w
o
L
8
.
0
V
N
E
l
e
v
e
L
h
g
i
H
2
V
t
n
e
r
r
u
C
t
u
p
n
I
N
EV
N
E
V
=
L
T
N
C
V
5
=5
5
0
0
1
A
µ
e
c
n
a
d
e
p
m
I
N
E
5
6K
Ω
y
c
a
r
u
c
c
A
ti
m
i
L
t
n
e
r
r
u
C
)
2
(
I
M
I
L
0
2
-0
2
+%
Notes:
(1) For load regulation use a 1ms current pulse width, d.c.
≤ 10% when measuring VOUT.
(2) Current limit is programmable,
Unless specified: V
IN = 2.5V, VEN = VCNTL = 3.3V, VOUT = 1.8V, IOUT = 10mA, RLIM = 100Ω, TJ = TA = 25°C.
Values in bold indicate -40
°C < T
J < +125°C.
LIM
OUT
LIM
R
V
240
I
•
≈



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com