Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1592IMTR Datasheet(PDF) 12 Page - Semtech Corporation

Part # SC1592IMTR
Description  Low Dropout High Performance Adjustable Positive Voltage Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1592IMTR Datasheet(HTML) 12 Page - Semtech Corporation

Back Button SC1592IMTR Datasheet HTML 8Page - Semtech Corporation SC1592IMTR Datasheet HTML 9Page - Semtech Corporation SC1592IMTR Datasheet HTML 10Page - Semtech Corporation SC1592IMTR Datasheet HTML 11Page - Semtech Corporation SC1592IMTR Datasheet HTML 12Page - Semtech Corporation SC1592IMTR Datasheet HTML 13Page - Semtech Corporation SC1592IMTR Datasheet HTML 14Page - Semtech Corporation SC1592IMTR Datasheet HTML 15Page - Semtech Corporation SC1592IMTR Datasheet HTML 16Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
12
 2004 Semtech Corp.
www.semtech.com
SC1592
POWER MANAGEMENT
Typical Characteristics (Cont.)
Dropout Voltage
vs. Temperature
(V
CNTL - VOUT)
500
600
700
800
900
1000
1100
1200
1300
1400
1500
-40
10
60
110
TEMPERATURE (oC)
INITIAL VCNTL = 3.3V
VIN = 2.5V
VOUT = 1.8v
IOUT = 3A
Dropout Voltage
vs. Temperature
(V
IN - VOUT)
0
50
100
150
200
250
300
350
400
450
500
-40
-20
0
20
406080
100
120
TEMPERATURE (oC)
I
OUT = 3A
I
OUT = 2A
VCNTL= 3.3V
INITIAL VIN = 2.5V
VOUT = 1.8v



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com