Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1592IMTR Datasheet(PDF) 11 Page - Semtech Corporation

Part # SC1592IMTR
Description  Low Dropout High Performance Adjustable Positive Voltage Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1592IMTR Datasheet(HTML) 11 Page - Semtech Corporation

Back Button SC1592IMTR Datasheet HTML 7Page - Semtech Corporation SC1592IMTR Datasheet HTML 8Page - Semtech Corporation SC1592IMTR Datasheet HTML 9Page - Semtech Corporation SC1592IMTR Datasheet HTML 10Page - Semtech Corporation SC1592IMTR Datasheet HTML 11Page - Semtech Corporation SC1592IMTR Datasheet HTML 12Page - Semtech Corporation SC1592IMTR Datasheet HTML 13Page - Semtech Corporation SC1592IMTR Datasheet HTML 14Page - Semtech Corporation SC1592IMTR Datasheet HTML 15Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
11
 2004 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC1592
Contol Current
vs. Temperature
(In Shutdow n)
1
10
100
1000
10000
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (oC)
V
CNTL = 3.3V
V
IN = 2.5V
V
EN = 0V
I
OUT = 10mA
Control Current
vs Temperature
(In Regulation)
1
10
100
-40
-20
0
2040
6080
100
120
TEMPERATURE (oC)
V
CNTL = 3.3V
V
IN = 2.5V
I
OUT = 3A
I
OUT = 2A
I
OUT = 1A
Typical Characteristics (Cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com