Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1592IMTR Datasheet(PDF) 14 Page - Semtech Corporation

Part # SC1592IMTR
Description  Low Dropout High Performance Adjustable Positive Voltage Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1592IMTR Datasheet(HTML) 14 Page - Semtech Corporation

Back Button SC1592IMTR Datasheet HTML 10Page - Semtech Corporation SC1592IMTR Datasheet HTML 11Page - Semtech Corporation SC1592IMTR Datasheet HTML 12Page - Semtech Corporation SC1592IMTR Datasheet HTML 13Page - Semtech Corporation SC1592IMTR Datasheet HTML 14Page - Semtech Corporation SC1592IMTR Datasheet HTML 15Page - Semtech Corporation SC1592IMTR Datasheet HTML 16Page - Semtech Corporation SC1592IMTR Datasheet HTML 17Page - Semtech Corporation SC1592IMTR Datasheet HTML 18Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
14
 2004 Semtech Corp.
www.semtech.com
SC1592
POWER MANAGEMENT
C1
2.2uF
C2
22uF
R1
C3
100uF
R3
R2
+1.8V Vout
+3.3V Vcntl
+2.5V Vin
SC1592
CNTL
IN
OUT
SENSE
ILIM
EN
GND
10k
(cer)
(cer)
100
53
66.5
R opt
U1
Evaluation Board Schematic
Evaluation Board Schematic - Bill of Material
f
e
Ry
t
Qe
c
n
e
r
e
f
e
Re
u
l
a
V
/
r
e
b
m
u
N
t
r
a
Pr
e
r
u
t
c
a
f
u
n
a
M
11
1
C6
0
2
1
,
c
i
m
a
r
e
C
,
V
6
1
,
F
u
2
.
2r
a
li
m
i
s
r
o
a
t
a
r
u
M
21
2
C0
1
2
1
,
c
i
m
a
r
e
C
,
V
0
1
,
F
u
2
2r
a
li
m
i
s
r
o
a
t
a
r
u
M
31
3
C2
1
8
1
,
c
i
m
a
r
e
C
,
V
3
.
6
,
F
u
0
0
1r
a
li
m
i
s
r
o
a
t
a
r
u
M
41
1
R5
0
8
0
,
%
5
±
,
0
0
1y
n
A
51
2
R5
0
8
0
,
%
5
.
0
±
,
5
.
6
6y
n
A
61
3
R5
0
8
0
,
%
5
.
0
±
,
3
5y
n
A
71
t
p
o
R5
0
8
0
,
%
0
1
±
,
K
0
1y
n
A
81
1
U2
9
5
1
C
S.
p
r
o
C
h
c
e
t
m
e
S
.
typ
V
8
.
0
V
V
)
3
R
2
R
1
(
V
REF
REF
OUT
=
•
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com