Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6277HRZ Datasheet(PDF) 29 Page - Renesas Technology Corp

Part # ISL6277HRZ
Description  Multiphase PWM Regulator for AMD Fusion??Mobile CPUs Using SVI 2.0
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6277HRZ Datasheet(HTML) 29 Page - Renesas Technology Corp

Back Button ISL6277HRZ Datasheet HTML 25Page - Renesas Technology Corp ISL6277HRZ Datasheet HTML 26Page - Renesas Technology Corp ISL6277HRZ Datasheet HTML 27Page - Renesas Technology Corp ISL6277HRZ Datasheet HTML 28Page - Renesas Technology Corp ISL6277HRZ Datasheet HTML 29Page - Renesas Technology Corp ISL6277HRZ Datasheet HTML 30Page - Renesas Technology Corp ISL6277HRZ Datasheet HTML 31Page - Renesas Technology Corp ISL6277HRZ Datasheet HTML 32Page - Renesas Technology Corp ISL6277HRZ Datasheet HTML 33Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 37 page
background image
ISL6277
FN8270 Rev 1.00
Page 29 of 37
Mar 8, 2012
Cn is too large. Vcore is sluggish in drooping to its final value.
There is excessive overshoot if load insertion occurs during this
time, which may negatively affect the CPU reliability.
Figure 26 shows the output voltage ring-back problem during load
transient response. The load current io has a fast step change, but
the inductor current iL cannot accurately follow. Instead, iL
responds in first-order system fashion due to the nature of the
current loop. The ESR and ESL effect of the output capacitors
makes the output voltage Vo dip quickly upon load current change.
However, the controller regulates Vo according to the droop current
idroop, which is a real-time representation of iL; therefore, it pulls
Vo back to the level dictated by iL, causing the ring-back problem.
This phenomenon is not observed when the output capacitor has
very low ESR and ESL, as is the case with all ceramic capacitors.
Figure 27 shows two optional circuits for reduction of the
ring-back. Cn is the capacitor used to match the inductor time
constant. It usually takes the parallel of two (or more) capacitors
to get the desired value. Figure 27 shows that two capacitors
(Cn.1 and Cn.2) are in parallel. Resistor Rn is an optional
component to reduce the Vo ring-back. At steady state, Cn.1 +
Cn.2 provides the desired Cn capacitance. At the beginning of io
change, the effective capacitance is less because Rn increases
the impedance of the Cn.1 branch. As Figure 24 shows, Vo tends
to dip when Cn is too small, and this effect reduces the Vo
ring-back. This effect is more pronounced when Cn.1 is much
larger than Cn.2. It is also more pronounced when Rn is bigger.
However, the presence of Rn increases the ripple of the Vn signal
if Cn.2 is too small. It is recommended to keep Cn.2 greater than
2200pF. Rn value usually is a few ohms. Cn.1, Cn.2 and Rn values
should be determined through tuning the load transient response
waveforms on an actual board.
Rip and Cip form an R-C branch in parallel with Ri, providing a
lower impedance path than Ri at the beginning of io change. Rip
and Cip do not have any effect at steady state. Through proper
selection of Rip and Cip values, idroop can resemble io rather than
iL, and Vo will not ring back. The recommended value for Rip is
100Ω. Cip should be determined through tuning the load
transient response waveforms on an actual board. The
recommended range for Cip is 100pF~2000pF. However, it
should be noted that the Rip -Cip branch may distort the idroop
waveform. Instead of being triangular as the real inductor
current, idroop may have sharp spikes, which may adversely
affect idroop average value detection and therefore may affect
OCP accuracy. User discretion is advised.
FIGURE 23. DESIRED LOAD TRANSIENT RESPONSE WAVEFORMS
o
i
Vo
FIGURE 24. LOAD TRANSIENT RESPONSE WHEN Cn IS TOO SMALL
o
i
Vo
FIGURE 25. LOAD TRANSIENT RESPONSE WHEN Cn IS TOO LARGE
o
i
Vo
FIGURE 26. OUTPUT VOLTAGE RING-BACK PROBLEM
o
i
Vo
L
i
RING
BACK
FIGURE 27. OPTIONAL CIRCUITS FOR RING-BACK REDUCTION
Cn.2
Rntcs
Rntc
Rp
Ri
ISUM+
ISUM-
Rip
Cip
OPTIONAL
Vcn
Cn.1
Rn
OPTIONAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com