Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6277HRZ Datasheet(PDF) 33 Page - Renesas Technology Corp

Part # ISL6277HRZ
Description  Multiphase PWM Regulator for AMD Fusion??Mobile CPUs Using SVI 2.0
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6277HRZ Datasheet(HTML) 33 Page - Renesas Technology Corp

Back Button ISL6277HRZ Datasheet HTML 29Page - Renesas Technology Corp ISL6277HRZ Datasheet HTML 30Page - Renesas Technology Corp ISL6277HRZ Datasheet HTML 31Page - Renesas Technology Corp ISL6277HRZ Datasheet HTML 32Page - Renesas Technology Corp ISL6277HRZ Datasheet HTML 33Page - Renesas Technology Corp ISL6277HRZ Datasheet HTML 34Page - Renesas Technology Corp ISL6277HRZ Datasheet HTML 35Page - Renesas Technology Corp ISL6277HRZ Datasheet HTML 36Page - Renesas Technology Corp ISL6277HRZ Datasheet HTML 37Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 33 / 37 page
background image
ISL6277
FN8270 Rev 1.00
Page 33 of 37
Mar 8, 2012
power train. Symmetrical layout allows heat to be dissipated
equally across all power trains. Keeping the distance between
the power train and the control IC short helps keep the gate drive
traces short. These drive signals include the LGATE, UGATE,
PGND, PHASE and BOOT.
When placing MOSFETs, try to keep the source of the upper
MOSFETs and the drain of the lower MOSFETs as close as
thermally possible (see Figure 33). Input high-frequency
capacitors should be placed close to the drain of the upper
MOSFETs and the source of the lower MOSFETs. Place the output
inductor and output capacitors between the MOSFETs and the
load. High-frequency output decoupling capacitors (ceramic)
should be placed as close as possible to the decoupling target
(microprocessor), making use of the shortest connection paths to
any internal planes. Place the components in such a way that the
area under the IC has less noise traces with high dV/dt and di/dt,
such as gate signals and phase node signals.
Table 14 shows layout considerations for the ISL6277 controller
by pin.
FIGURE 33. TYPICAL POWER COMPONENT PLACEMENT
INDUCTOR
VIAS TO
GROUND
PLANE
VIN
VOUT
PHASE
NODE
GND
OUTPUT
CAPACITORS
LOW-SIDE
MOSFETS
INPUT
CAPACITORS
SCHOTTKY
DIODE
HIGH-SIDE
MOSFETS
TABLE 14. LAYOUT CONSIDERATIONS FOR THE ISL6277 CONTROLLER
ISL6277 PIN
SYMBOL
LAYOUT GUIDELINES
BOTTOM PAD
GND
Connect this ground pad to the ground plane through a low impedance path. A minimum of 5 vias are
recommended to connect this pad to the internal ground plane layers of the PCB
1
ISEN2_NB
Each ISEN pin has a capacitor (Cisen) decoupling it to VSUMN_NB, then through another capacitor (Cvsumn_nb)
to GND. Place Cisen capacitors as close as possible to the controller and keep the following loops small:
1. ISEN1_NB pin to ISEN2_NB pin
2. Any ISENx_NB pin to GND
2
NTC_NB
The NTC thermistor must be placed close to the thermal source that is monitored to determine Northbridge
thermal throttling. Placement at the hottest spot of the Northbridge VR is recommended. Additional standard
resistors in the resistor network on this pin should be placed near the IC.
3
IMON_NB
Place the IMON_NB resistor close to this pin and make keep a tight GND connection.
4
SVC
Use good signal integrity practices and follow AMD recommendations.
5
VR_HOT_L
Follow AMD recommendations. Placement of the pull-up resistor near the IC is recommended.
6
SVD
Use good signal integrity practices and follow AMD recommendations.
7
VDDIO
Use good signal integrity practices and follow AMD recommendations.
8
SVT
Use good signal integrity practices and follow AMD recommendations.
9
ENABLE
No special considerations.
10
PWROK
Use good signal integrity practices and follow AMD recommendations.
11
IMON
Place the IMON resistor close to this pin and make keep a tight GND connection.
12
NTC
The NTC thermistor must be placed close to the thermal source that is monitored to determine Core thermal
throttling. Placement at the hottest spot of the Core VR is recommended. Additional standard resistors in the
resistor network on this pin should be placed near the IC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com