Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6277HRZ Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # ISL6277HRZ
Description  Multiphase PWM Regulator for AMD Fusion??Mobile CPUs Using SVI 2.0
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6277HRZ Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button ISL6277HRZ Datasheet HTML 24Page - Renesas Technology Corp ISL6277HRZ Datasheet HTML 25Page - Renesas Technology Corp ISL6277HRZ Datasheet HTML 26Page - Renesas Technology Corp ISL6277HRZ Datasheet HTML 27Page - Renesas Technology Corp ISL6277HRZ Datasheet HTML 28Page - Renesas Technology Corp ISL6277HRZ Datasheet HTML 29Page - Renesas Technology Corp ISL6277HRZ Datasheet HTML 30Page - Renesas Technology Corp ISL6277HRZ Datasheet HTML 31Page - Renesas Technology Corp ISL6277HRZ Datasheet HTML 32Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 37 page
background image
ISL6277
FN8270 Rev 1.00
Page 28 of 37
Mar 8, 2012
Key Component Selection
Inductor DCR Current-Sensing Network
Figure 22 shows the inductor DCR current-sensing network for a
3-phase solution. An inductor current flows through the DCR and
creates a voltage drop. Each inductor has two resistors in Rsum
and Ro connected to the pads to accurately sense the inductor
current by sensing the DCR voltage drop. The Rsum and Ro
resistors are connected in a summing network as shown, and feed
the total current information to the NTC network (consisting of
Rntcs, Rntc and Rp) and capacitor Cn. Rntc is a negative
temperature coefficient (NTC) thermistor, used to temperature
compensate the inductor DCR change.
The inductor output side pads are electrically shorted in the
schematic but have some parasitic impedance in actual board
layout, which is why one cannot simply short them together for the
current-sensing summing network. It is recommended to use
1Ω~10Ω
Ro to create quality signals. Since Ro value is much smaller
than the rest of the current sensing circuit, the following analysis
ignores it.
The summed inductor current information is presented to the
capacitor Cn. Equations 17 thru 21 describe the frequency
domain relationship between inductor total current Io(s) and Cn
voltage VCn(s):
where N is the number of phases.
Transfer function Acs(s) always has unity gain at DC. The inductor
DCR value increases as the winding temperature increases,
giving higher reading of the inductor DC current. The NTC Rntc
value decrease as its temperature decreases. Proper selection of
Rsum, Rntcs, Rp and Rntc parameters ensures that VCn
represents the inductor total DC current over the temperature
range of interest.
There are many sets of parameters that can properly
temperature-compensate the DCR change. Since the NTC
network and the Rsum resistors form a voltage divider, Vcn is
always a fraction of the inductor DCR voltage. It is recommended
to have a higher ratio of Vcn to the inductor DCR voltage so the
droop circuit has a higher signal level to work with.
A typical set of parameters that provide good temperature
compensation are: Rsum = 3.65kΩ, Rp =11kΩ, Rntcs = 2.61kΩ
and Rntc = 10kΩ (ERT-J1VR103J). The NTC network parameters
may need to be fine tuned on actual boards. One can apply full
load DC current and record the output voltage reading
immediately; then record the output voltage reading again when
the board has reached the thermal steady state. A good NTC
network can limit the output voltage drift to within 2mV. It is
recommended to follow the Intersil evaluation board layout and
current sensing network parameters to minimize engineering
time.
VCn(s) also needs to represent real-time Io(s) for the controller to
achieve good transient response. Transfer function Acs(s) has a
pole wsns and a zero wL. One needs to match wL and wsns so
Acs(s) is unity gain at all frequencies. By forcing wL equal to wsns
and solving for the solution, Equation 22 gives Cn value.
For example, given N = 3, Rsum = 3.65kΩ, Rp = 11kΩ,
Rntcs =2.61kΩ, Rntc = 10kΩ, DCR = 0.88mΩ and L = 0.36µH,
Equation 22 gives Cn = 0.406µF.
Assuming the compensator design is correct, Figure 23 shows the
expected load transient response waveforms if Cn is correctly
selected. When the load current Icore has a square change, the
output voltage Vcore also has a square response.
If Cn value is too large or too small, VCn(s) does not accurately
represent real-time Io(s) and worsens the transient response.
Figure 24 shows the load transient response when Cn is too
small. Vcore sags excessively upon load insertion and may create
a system failure. Figure 25 shows the transient response when
CN
RSUM
RO
RNTCS
RNTC
RP
DCR
L
DCR
L
RSUM
RO
PHASE2 PHASE3
IO
DCR
L
PHASE1
RO
RSUM
RI
ISUM+
ISUM-
VCN
+
-
FIGURE 22. DCR CURRENT-SENSING NETWORK
VCn s

Rntcnet
Rntcnet
Rsum
N
---------------
+
------------------------------------------ DCR
N
-------------





Io s

Acs
s

=
(EQ. 17)
Rntcnet
Rntcs Rntc
+
 R
p
Rntcs Rntc Rp
++
----------------------------------------------------
=
(EQ. 18)
Acs s

1
s
L
-------
+
1
s
sns
-------------
+
-----------------------
=
(EQ. 19)
L
DCR
L
-------------
=
(EQ. 20)
sns
1
Rntcnet
Rsum
N
---------------
Rntcnet
Rsum
N
---------------
+
------------------------------------------ Cn
--------------------------------------------------------
=
(EQ. 21)
Cn
L
Rntcnet
Rsum
N
---------------
Rntcnet
Rsum
N
---------------
+
------------------------------------------ DCR
---------------------------------------------------------------
=
(EQ. 22)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com