Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6277HRZ Datasheet(PDF) 25 Page - Renesas Technology Corp

Part # ISL6277HRZ
Description  Multiphase PWM Regulator for AMD Fusion??Mobile CPUs Using SVI 2.0
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6277HRZ Datasheet(HTML) 25 Page - Renesas Technology Corp

Back Button ISL6277HRZ Datasheet HTML 21Page - Renesas Technology Corp ISL6277HRZ Datasheet HTML 22Page - Renesas Technology Corp ISL6277HRZ Datasheet HTML 23Page - Renesas Technology Corp ISL6277HRZ Datasheet HTML 24Page - Renesas Technology Corp ISL6277HRZ Datasheet HTML 25Page - Renesas Technology Corp ISL6277HRZ Datasheet HTML 26Page - Renesas Technology Corp ISL6277HRZ Datasheet HTML 27Page - Renesas Technology Corp ISL6277HRZ Datasheet HTML 28Page - Renesas Technology Corp ISL6277HRZ Datasheet HTML 29Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 37 page
background image
ISL6277
FN8270 Rev 1.00
Page 25 of 37
Mar 8, 2012
SVI Bus Protocol
The AMD processor bus protocol is compliant with SMBus send
byte protocol for VID transactions. The AMD SVD packet structure
is shown in Figure 19. The description of each bit of the three
bytes that make up the SVI command are shown in Table 8.
During a transaction, the processor sends the start sequence
followed by each of the three bytes which end with an optional
acknowledge bit. The ISL6277 does not drive the SVD line during
the ACK bit. Finally, the processor sends the stop sequence. After
the ISL6277 has detected the stop, it can then proceed with the
commanded action from the transaction.
Power States and Telemetry
SVI2 defines two power state indicator levels, see Table 9. As
processor current consumption reduces the power state indicator
level changes to improve VR efficiency under low power
conditions.
For the Core VR operating in 3-phase mode, when PSI0_L is
asserted Channels 2 & 3 are tri-stated and Channel 1 enters
diode emulation mode to boost efficiency. When PSI1_L is
asserted the Core VR continues to operate in this mode.
For the Northbridge VR operating in 2-phase mode, when PSI0_L
is asserted Channel 2 is tri-stated and Channel 1 enters diode
emulation mode to boost efficiency. When PSI1_L is asserted the
Core VR continues to operate in this fashion.
It is possible for the processor to assert or deassert PSI0_L and
PSI1_L out of order. PSI0_L takes priority over PSI1_L. If PSI0_L
is deasserted while PSI1_L is still asserted, the ISL6277 will
return the selected VR back full channel CCM operation.
The TFN bit along with the Core and Northbridge domain selector
bits are used by the processor to change the functionality of
telemetry, see Table 10 for more information.
FIGURE 19. SVD PACKET STRUCTURE
1
23
45
6
7
12
14
15
16
17
13
10
SVD
SVC
VID bits [7:1]
11
8
9
18
19
20
21
22
23
24
25
26
27
VID
bit [0]
ACK
ACK
ACK
TABLE 8. SVD DATA PACKET
BITS
DESCRIPTION
1:5 Always 11000b
6
Core domain selector bit, if set then the following data byte
contains VID, power state, telemetry control, load line trim and
offset trim apply to the Core VR.
7
Northbridge domain selector bit, if set then the following data
byte contains VID, power state, telemetry control, load line trim
and offset trim apply to the Northbridge VR.
8Always 0b
9Acknowledge Bit
10
PSI0_L
11:17 VID Code bits [7:1]
18
Acknowledge Bit
19
VID Code bit [0]
20
PSI1_L
21
TFN (Telemetry Functionality)
22:24 Load Line Slope Trim
25:26 Offset Trim [1:0]
27
Acknowledge Bit
TABLE 9. PSI0_L, PSI1_L AND TFN DEFINITION
FUNCTION
BIT
DESCRIPTION
PSI0_L
10
Power State Indicate level 0. When this signal is
asserted (active Low) the processor is in a low
enough power state for the ISL6277 to take action
to boost efficiency by dropping phases and entering
1-Phase DE.
PSI1_L
20
Power State Indicate level 1. When this signal is
asserted (active Low) the processor is in a low
enough power state for the ISL6277 to take action
to boost efficiency by dropping phases and entering
1-Phase DE.
TFN
21
Telemetry Functionality. This is an active high signal
that allows the processor to control the telemetry
functionality of the VR.
TABLE 10. TFN TRUTH TABLE
TFN, CORE, NB
BITS [21,6,7]
DESCRIPTION
1,0,1
Telemetry is in voltage and current mode. Therefore,
voltage and current are sent for VDD and VDDNB
domains by the controller.
1,0,0
Telemetry is in voltage mode only. Only the voltage of
VDD and VDDNB domains is sent by the controller.
1,1,0
Telemetry is disabled.
1,1,1
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com