Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6277HRZ Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # ISL6277HRZ
Description  Multiphase PWM Regulator for AMD Fusion??Mobile CPUs Using SVI 2.0
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6277HRZ Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button ISL6277HRZ Datasheet HTML 7Page - Renesas Technology Corp ISL6277HRZ Datasheet HTML 8Page - Renesas Technology Corp ISL6277HRZ Datasheet HTML 9Page - Renesas Technology Corp ISL6277HRZ Datasheet HTML 10Page - Renesas Technology Corp ISL6277HRZ Datasheet HTML 11Page - Renesas Technology Corp ISL6277HRZ Datasheet HTML 12Page - Renesas Technology Corp ISL6277HRZ Datasheet HTML 13Page - Renesas Technology Corp ISL6277HRZ Datasheet HTML 14Page - Renesas Technology Corp ISL6277HRZ Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
ISL6277
FN8270 Rev 1.00
Page 11 of 37
Mar 8, 2012
Absolute Maximum Ratings
Thermal Information
Supply Voltage, VDD, VDDP . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +7V
Battery Voltage, VIN . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +28V
Boot Voltage (BOOT). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +33V
Boot to Phase Voltage (BOOT-PHASE) . . . . . . . . . . . . . . . . -0.3V to +7V(DC)
-0.3V to +9V (<10ns)
Phase Voltage (PHASE) . . . . . . . . . . . . . . . . -7V (<20ns Pulse Width, 10µJ)
UGATE Voltage (UGATE) . . . . . . . . . .PHASE - 0.3V (DC) to BOOTPHASE - 5V
(<20ns Pulse Width, 10µJ) to BOOT LGATE Voltage
-2.5V (<20ns Pulse Width, 5µJ) to VDD + 0.3V
All Other Pins . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to (VDD + 0.3V)
Open Drain Outputs, PGOOD, PGOOD_NB, VR_HOT_L. . . . . . . -0.3V to +7V
Thermal Resistance (Typical)
JA (°C/W)
JC (°C/W)
48 Ld QFN Package (Notes 4, 5) . . . . . . . .
29
3.5
Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . .+150°C
Maximum Storage Temperature Range . . . . . . . . . . . . . .-65°C to +150°C
Maximum Junction Temperature (Plastic Package) . . . . . . . . . . . .+150°C
Storage Temperature Range. . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Pb-Free Reflow Profile . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
Recommended Operating Conditions
Supply Voltage, VDD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .+5V ±5%
Battery Voltage, VIN . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4.5V to 25V
Ambient Temperature
HRZ . . . . . . . . . . . . . . . . . . . .-10°C to +100°C
IRZ . . . . . . . . . . . . . . . . . . . . . . -40°C to +85°C
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-10°C to +125°C
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product
reliability and result in failures not covered by warranty.
NOTES:
4.
JA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See Tech
Brief TB379.
5. For
JC, the “case temp” location is the center of the exposed metal pad on the package underside.
Electrical Specifications Operating Conditions: VDD =5V,TA = -10°C to +100°C (HRZ), TA = -40°C to +85°C (IRZ), fSW= 300kHz, unless
otherwise noted. Boldface limits apply over the operating temperature range, -40°C to +100°C.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
(Note 6)
TYP
MAX
(Note 6)
UNITS
INPUT POWER SUPPLY
+5V Supply Current
IVDD
ENABLE = 1V
8
11
mA
ENABLE = 0V
5
µA
Battery Supply Current
IVIN
ENABLE = 0V
1
µA
VIN Input Resistance
RVIN
ENABLE = 1V
620
kΩ
POWER-ON-RESET THRESHOLDS
VDD POR Threshold
VDD_PORr
VDD rising
4.35
4.5
V
VDD_PORf
VDD falling
4.00
4.15
V
SYSTEM AND REFERENCES
System Accuracy
HRZ
%Error (VOUT)
No load; closed loop, active mode range,
VID = 0.75V to 1.55V
-0.5
+0.5
%
VID = 0.25V to 0.74375V
-10
+10
mV
IRZ
%Error (VOUT)
No load; closed loop, active mode range,
VID = 0.75V to 1.55V
-0.8
+0.8
%
VID = 0.25V to 0.74375V
-12
+12
mV
Maximum Output Voltage
VOUT(max)
VID = [00000000]
1.55
V
Minimum Output Voltage
VOUT(min)
VID = [11111111]
0.0
V
CHANNEL FREQUENCY
Nominal Channel Frequency
fSW(nom)
280
300
320
kHz
Adjustment Range
300
450
kHz
AMPLIFIERS
Current-Sense Amplifier Input Offset
HRZ
IFB = 0A
-0.15
+0.15
mV
IRZ
IFB = 0A
-0.20
+0.20
mV
Error Amp DC Gain
Av0
119
dB
Error Amp Gain-Bandwidth Product
GBW
CL = 20pF
17
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com