Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL2126CSZ Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # EL2126CSZ
Description  Ultra-Low Noise, Low Power, Wideband Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL2126CSZ Datasheet(HTML) 4 Page - Renesas Technology Corp

  EL2126CSZ Datasheet HTML 1Page - Renesas Technology Corp EL2126CSZ Datasheet HTML 2Page - Renesas Technology Corp EL2126CSZ Datasheet HTML 3Page - Renesas Technology Corp EL2126CSZ Datasheet HTML 4Page - Renesas Technology Corp EL2126CSZ Datasheet HTML 5Page - Renesas Technology Corp EL2126CSZ Datasheet HTML 6Page - Renesas Technology Corp EL2126CSZ Datasheet HTML 7Page - Renesas Technology Corp EL2126CSZ Datasheet HTML 8Page - Renesas Technology Corp EL2126CSZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
EL2126
FN7046 Rev 4.00
Page 4 of 19
May 2, 2007
VN
Voltage Noise Spectral Density
1.3
nV/
Hz
IN
Current Noise Spectral Density
1.2
pA/
Hz
HD2
2nd Harmonic Distortion (Note 3)
-70
dBc
HD3
3rd Harmonic Distortion (Note 3)
-70
dBc
NOTES:
1. Measured by moving the supplies from ±4V to ±6V
2. Pulse test only and using a 10
 load
3. Frequency = 1MHz, VOUT = 2VP-P, into 500 and 5pF load
Electrical Specifications
VS+ = +5V, VS- = -5V, TA = +25°C, RF = 180, RG = 20, RL = 500 Unless Otherwise Specified.
Parameter
Description
Conditions
Min
Typ
Max
Unit
Electrical Specifications
VS+ = +15V, VS- = -15V, TA = 25°C, RF = 180, RG = 20, RL = 500 unless otherwise specified.
Parameter
Description
Conditions
Min
Typ
Max
Unit
DC PERFORMANCE
VOS
Input Offset Voltage (SO8)
0.5
3
mV
Input Offset Voltage (SOT23-5)
3mV
TCVOS
Offset Voltage Temperature
Coefficient
4.5
µV/°C
IB
Input Bias Current
-10
-7
µA
IOS
Input Bias Current Offset
0.12
0.7
µA
TCIB
Input Bias Current Temperature
Coefficient
0.016
µA/°C
CIN
Input Capacitance
2.2
pF
AVOL
Open Loop Gain
80
90
dB
PSRR
Power Supply Rejection Ratio
(Note 4)
65
80
dB
CMRR
Common Mode Rejection Ratio
at CMIR
70
85
dB
CMIR
Common Mode Input Range
-14.6
13.8
V
VOUTH
Positive Output Voltage Swing
No load, RF = 1k
13.6
13.7
V
VOUTL
Negative Output Voltage Swing
No load, RF = 1k
-13.8
-13.7
V
VOUTH2
Positive Output Voltage Swing
RL = 100, RF = 1k
10.2
11.2
V
VOUTL2
Negative Output Voltage Swing
RL = 100, RF = 1k
-10.3
-9.5
V
IOUT
Output Short Circuit Current
(Note 5)
140
220
mA
ISY
Supply Current
56
mA
AC PERFORMANCE - RG = 20, CL = 3pF
BW
-3dB Bandwidth, RL = 500
135
MHz
BW ±0.1dB
±0.1dB Bandwidth, RL = 500
26
MHz
BW ±1dB
±1dB Bandwidth, RL = 500
60
MHz
Peaking
Peaking, RL = 500
2.1
dB
SR
Slew Rate (±2.5V Square Wave,
Measured 25%-75%)
130
150
V/µS
OS
Overshoot, 4VP-P Output Square
Wave
Positive
1.6
%
Negative
-4.4
%
TS
Settling Time to 0.1% of ±1V Pulse
48
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com