Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL2126CSZ Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # EL2126CSZ
Description  Ultra-Low Noise, Low Power, Wideband Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL2126CSZ Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button EL2126CSZ Datasheet HTML 9Page - Renesas Technology Corp EL2126CSZ Datasheet HTML 10Page - Renesas Technology Corp EL2126CSZ Datasheet HTML 11Page - Renesas Technology Corp EL2126CSZ Datasheet HTML 12Page - Renesas Technology Corp EL2126CSZ Datasheet HTML 13Page - Renesas Technology Corp EL2126CSZ Datasheet HTML 14Page - Renesas Technology Corp EL2126CSZ Datasheet HTML 15Page - Renesas Technology Corp EL2126CSZ Datasheet HTML 16Page - Renesas Technology Corp EL2126CSZ Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
EL2126
FN7046 Rev 4.00
Page 13 of 19
May 2, 2007
FIGURE 47. NEGATIVE LOADED OUTPUT SWING vs TEMPERATURE
FIGURE 48. PACKAGE POWER DISSIPATION vs AMBIENT
TEMPERATURE
FIGURE 49. PACKAGE POWER DISSIPATION vs AMBIENT
TEMPERATURE
Typical Performance Curves (Continued)
-9.4
-9.8
-10.2
-10.6
-50
0
100
150
50
Die Temperature (°C)
VS=±15V
-9.6
-10
-10.4
1.2
0.6
0
JEDEC JESD51-3 LOW EFFECTIVE THERMAL
CONDUCTIVITY TEST BOARD
0
AMBIENT Temperature (°C)
25
125
150
75
1
0.4
0.8
0.2
100
50
85
488mW
781mW
JA =
+16
0°C
/W
SO
8
JA =
+256°C
/W
SOT
23-5
1.8
0.8
0
1.6
0.4
1.2
0.2
0.6
1.4
1
JEDEC JESD51-7 HIGH EFFECTIVE THERMAL
CONDUCTIVITY TEST BOARD
0
AMBIENT TEMPERATURE (°C)
25
125
150
75
100
50
85
543mW
JA =
+11
0°C
/W
SO8
1.136W
JA = +
230°C/W
SOT23-5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com