Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL2126CSZ Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # EL2126CSZ
Description  Ultra-Low Noise, Low Power, Wideband Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL2126CSZ Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button EL2126CSZ Datasheet HTML 6Page - Renesas Technology Corp EL2126CSZ Datasheet HTML 7Page - Renesas Technology Corp EL2126CSZ Datasheet HTML 8Page - Renesas Technology Corp EL2126CSZ Datasheet HTML 9Page - Renesas Technology Corp EL2126CSZ Datasheet HTML 10Page - Renesas Technology Corp EL2126CSZ Datasheet HTML 11Page - Renesas Technology Corp EL2126CSZ Datasheet HTML 12Page - Renesas Technology Corp EL2126CSZ Datasheet HTML 13Page - Renesas Technology Corp EL2126CSZ Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
EL2126
FN7046 Rev 4.00
Page 10 of 19
May 2, 2007
FIGURE 29. CMRR vs FREQUENCY
FIGURE 30. PSRR vs FREQUENCY
FIGURE 31. CLOSED LOOP OUTPUT IMPEDANCE vs
FREQUENCY
FIGURE 32. BANDWIDTH AND PEAKING vs TEMPERATURE
FIGURE 33. SLEW RATE vs SWING
FIGURE 34. SUPPLY CURRENT vs TEMPERATURE
Typical Performance Curves (Continued)
-10
-50
-90
-110
10
1M
10M 100M
FREQUENCY (Hz)
-70
-30
1k
100k
100
10k
110
70
30
10
10k
100k
1M
10M
200M
FREQUENCY (Hz)
50
90
VS=±5V
PSRR+
PSRR-
100
10
1
0.1
0.01
10k
1M
100M
FREQUENCY (Hz)
100k
10M
VS = ±5V
120
100
60
40
20
0
-40
40
160
TEMPERATURE (°C)
VS = ±5V
80
80
0120
3.5
3
2.5
2
1.5
1
0.5
0
-0.5
BANDWIDTH
PEAKING
220
180
140
100
60
-1
VOUT SWING (VPP)
37
11
15
5VSR+
5VSR-
15VSR+
15VSR-
159
13
200
160
120
80
4.8
5.2
5.1
5
4.9
-50
0
100
150
50
DIE TEMPERATURE (°C)
VS=±5V
VS=±15V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com