Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL2126CSZ Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # EL2126CSZ
Description  Ultra-Low Noise, Low Power, Wideband Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL2126CSZ Datasheet(HTML) 5 Page - Renesas Technology Corp

  EL2126CSZ Datasheet HTML 1Page - Renesas Technology Corp EL2126CSZ Datasheet HTML 2Page - Renesas Technology Corp EL2126CSZ Datasheet HTML 3Page - Renesas Technology Corp EL2126CSZ Datasheet HTML 4Page - Renesas Technology Corp EL2126CSZ Datasheet HTML 5Page - Renesas Technology Corp EL2126CSZ Datasheet HTML 6Page - Renesas Technology Corp EL2126CSZ Datasheet HTML 7Page - Renesas Technology Corp EL2126CSZ Datasheet HTML 8Page - Renesas Technology Corp EL2126CSZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
EL2126
FN7046 Rev 4.00
Page 5 of 19
May 2, 2007
VN
Voltage Noise Spectral Density
1.4
nV/
Hz
IN
Current Noise Spectral Density
1.1
pA/
Hz
HD2
2nd Harmonic Distortion (Note 6)
-72
dBc
HD3
3rd Harmonic Distortion (Note 6)
-73
dBc
NOTES:
4. Measured by moving the supplies from ±13.5V to ±16.5V
5. Pulse test only and using a 10
 load
6. Frequency = 1MHz, VOUT = 2VP-P, into 500 and 5pF load
Electrical Specifications
VS+ = +15V, VS- = -15V, TA = 25°C, RF = 180, RG = 20, RL = 500 unless otherwise specified. (Continued)
Parameter
Description
Conditions
Min
Typ
Max
Unit
Typical Performance Curves
FIGURE 1. NON-INVERTING FREQUENCY RESPONSE FOR
VARIOUS RF
FIGURE 2. NON-INVERTING FREQUENCY RESPONSE FOR
VARIOUS RF
FIGURE 3. INVERTING FREQUENCY RESPONSE FOR
VARIOUS RF
FIGURE 4. INVERTING FREQUENCY RESPONSE FOR
VARIOUS RF
10
6
2
-2
-6
-10
1M
10M
100M
FREQUENCY (Hz)
RF = 1k
RF = 500
RF = 180
RF = 100
VS = ±5V
AV = 10
CL = 5pF
RL = 500
10
6
2
-2
-6
-10
1M
10M
100M
FREQUENCY (Hz)
RF = 1k
RF = 500
RF = 180
RF = 100
VS = ±15V
AV = 10
CL = 5pF
RL = 500
8
4
0
-4
-8
-12
1M
10M
100M
FREQUENCY (Hz)
VS = ±5V
AV = -10
CL = 5pF
RL = 500
RF = 1k
RF = 350
RF = 100
RF = 200
RF = 500
8
4
0
-4
-8
-12
1M
10M
100M
FREQUENCY (Hz)
VS = ±15V
AV = -10
CL = 5pF
RL = 500
RF = 1k
RF = 500
RF = 200
RF = 100
RF = 350



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com