Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL2126CSZ Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # EL2126CSZ
Description  Ultra-Low Noise, Low Power, Wideband Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL2126CSZ Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button EL2126CSZ Datasheet HTML 11Page - Renesas Technology Corp EL2126CSZ Datasheet HTML 12Page - Renesas Technology Corp EL2126CSZ Datasheet HTML 13Page - Renesas Technology Corp EL2126CSZ Datasheet HTML 14Page - Renesas Technology Corp EL2126CSZ Datasheet HTML 15Page - Renesas Technology Corp EL2126CSZ Datasheet HTML 16Page - Renesas Technology Corp EL2126CSZ Datasheet HTML 17Page - Renesas Technology Corp EL2126CSZ Datasheet HTML 18Page - Renesas Technology Corp EL2126CSZ Datasheet HTML 19Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
EL2126
FN7046 Rev 4.00
Page 16 of 19
May 2, 2007
Output Drive Capability
The EL2126 is designed to drive low impedance load. It can
easily drive 6VP-P signal into a 100 load. This high output
drive capability makes the EL2126 an ideal choice for RF, IF,
and video applications. Furthermore, the EL2126 is
current-limited at the output, allowing it to withstand
momentary short to ground. However, the power dissipation
with output-shorted cannot exceed the power dissipation
capability of the package.
Driving Cables and Capacitive Loads
Although the EL2126 is designed to drive low impedance load,
capacitive loads will decreases the amplifier's phase margin.
As shown in the performance curves, capacitive load can result
in peaking, overshoot and possible oscillation. For optimum AC
performance, capacitive loads should be reduced as much as
possible or isolated with a series resistor between 5
 to 20.
When driving coaxial cables, double termination is always
recommended for reflection-free performance. When properly
terminated, the capacitance of the coaxial cable will not add to
the capacitive load seen by the amplifier.
Power Supply Bypassing And Printed Circuit Board
Layout
As with any high frequency devices, good printed circuit board
layout is essential for optimum performance. Ground plane
construction is highly recommended. Lead lengths should be
kept as short as possible. The power supply pins must be
closely bypassed to reduce the risk of oscillation. The
combination of a 4.7µF tantalum capacitor in parallel with
0.1µF ceramic capacitor has been proven to work well when
placed at each supply pin. For single supply operation, where
pin 4 (VS-) is connected to the ground plane, a single 4.7µF
tantalum capacitor in parallel with a 0.1µF ceramic capacitor
across pins 7 (VS+) and pin 4 (VS-) will suffice.
For good AC performance, parasitic capacitance should be
kept to a minimum. Ground plane construction again should be
used. Small chip resistors are recommended to minimize
series inductance. Use of sockets should be avoided since
they add parasitic inductance and capacitance which will result
in additional peaking and overshoot.
Supply Voltage Range and Single Supply Operation
The EL2126 has been designed to operate with supply voltage
range of ±2.5V to ±15V. With a single supply, the EL2126 will
operate from +5V to +30V. Pins 4 and 7 are the power supply
pins. The positive power supply is connected to pin 7. When
used in single supply mode, pin 4 is connected to ground.
When used in dual supply mode, the negative power supply is
connected to pin 4.
As the power supply voltage decreases from +30V to +5V, it
becomes necessary to pay special attention to the input
voltage range. The EL2126 has an input voltage range of 0.4V
from the negative supply to 1.2V from the positive supply. So,
for example, on a single +5V supply, the EL2126 has an input
voltage range which spans from 0.4V to 3.8V. The output range
of the EL2126 is also quite large, on a +5V supply, it swings
from 0.4V to 3.8V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com