Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5511ACPZ-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADL5511ACPZ-R7
Description  DC to 6 GHz
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5511ACPZ-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADL5511ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADL5511ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADL5511ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADL5511ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADL5511ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADL5511ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5511ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5511ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5511ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
Data Sheet
ADL5511
Rev. C | Page 5 of 29
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
High Power In
PIN = +10 dBm, +707 mV rms
1.46
V
Low Power In
PIN = −20 dBm, +22.4 mV rms
58
mV
ENVELOPE CONVERSION (3500 MHz)
Input RFIN to output (VENV − VEREF)
Input Range (±1 dB Error)
CW Input
47
dB
Maximum Input Level
±1 dB error
17
dBm
Minimum Input Level
±1 dB error
−30
dBm
Conversion Gain
VENV = (Gain × VIN) + Intercept
1.56
V/V rms
Intercept
−5
mV
Output Voltage
VENV − VEREF
High Power In
PIN = +10 dBm, +707 mV rms
1.10
V
Low Power In
PIN = −20 dBm, +22.4 mV rms
28
mV
RMS Conversion
Input RFIN to output (VRMS)
Input Range (±1 dB Error)
CW input
47
dB
Maximum Input Level
±1 dB error
17
dBm
Minimum Input Level
±1 dB error
−30
dBm
Conversion Gain
VRMS = (Gain × VIN) + Intercept
2.03
V/V rms
Intercept
12
mV
Output Voltage
High Power In
PIN = +10 dBm, +707 mV rms
1.46
V
Low Power In
PIN = −20 dBm, +22.4 mV rms
57
mV
ENVELOPE CONVERSION (6000 MHz)
Input RFIN to output (VENV − VEREF)
Input Range (±1 dB Error)
CW Input
45
dB
Maximum Input Level
±1 dB error
17
dBm
Minimum Input Level
±1 dB error
−28
dBm
Conversion Gain
VENV = (Gain × VIN) + Intercept
0.85
V/V rms
Intercept
−10
mV
Output Voltage
VENV − VEREF
High Power In
PIN = +10 dBm, +707 mV rms
0.60
V
Low Power In
PIN = −20 dBm, +22.4 mV rms
11
mV
RMS Conversion
Input RFIN to output (VRMS)
Input Range (±1 dB Error)
CW input
45
dB
Maximum Input Level
±1 dB error
17
dBm
Minimum Input Level
±1 dB error
−28
dBm
Conversion Gain
VRMS = (Gain × VIN) + Intercept
1.11
V/V rms
Intercept
7
mV
Output Voltage
High Power In
PIN = +10 dBm, +707 mV rms
0.80
V
Low Power In
PIN = −20 dBm, +22.4 mV rms
35
mV
ENVELOPE OUTPUT
Pin VENV
Maximum Output Voltage
VPOS = 5 V, RLOAD ≥ 500 Ω, CLOAD ≤ 10 pF
3.5
V
Output Offset
No signal at RFIN
2
mV
Envelope Bandwidth
3 dB
130
MHz
Pulse Response Time
Input level = no signal to 5 dBm, 10% to 90% response time
4
ns
Envelope Delay
RFIN to VENV
2
ns
Output Current Drive
Load = 500 Ω||10 pF
15
mA
RMS OUTPUT
Pin VRMS
Maximum Output Voltage
VPOS = 5 V, RLOAD ≥ 10 kΩ
3.8
V
Output Offset
No signal at RFIN
23
mV
Output Current Drive
Load = 1.3 kΩ
3
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com