Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5511ACPZ-R7 Datasheet(PDF) 21 Page - Analog Devices

Part # ADL5511ACPZ-R7
Description  DC to 6 GHz
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5511ACPZ-R7 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADL5511ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADL5511ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADL5511ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADL5511ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADL5511ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADL5511ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADL5511ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADL5511ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADL5511ACPZ-R7 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
Data Sheet
ADL5511
Rev. C | Page 21 of 29
For applications that are not response time critical, a relatively
large capacitor can be placed on the FLT4. There is no maximum
capacitance limit for CFLT4.
Figure 50 shows how output noise, rise time and fall time vary
vs. CFLT4 when the ADL5511 is driven by an 1.9 GHz LTE carrier
with a bandwidth of 10 MHz (LTE Test Model E-TM1_1_10MHz,
peak-to-average ratio = 11.99 dB).
Figure 50. Output Noise, Rise and Fall Times vs. CFLT4 Capacitance, 10 MHz
BW LTE Carrier (LTE Test Model E-TM1_1_10MHz) at 1.9 GHz with PIN = 0 dBm
ENVELOPE TRACKING ACCURACY
The envelope tracking accuracy of the ADL5511 is measured in
terms of the higher order distortion of the envelope output when
the RF input signal is AM modulated using a low-harmonic
sinusoid at a given frequency. Such an input sinusoidal envelope
has been generated using the ADL5390 multiplier modulator.
This generates a double sideband AM modulated signal of a
known modulation index. In this measurement, the ADL5511
acts as free-running AM demodulator without requiring a local
oscillator to demodulate the signal.
Figure 51. THD on VENV vs. RF Input Level; 1900 MHz RF Input, AM Modulated
by a 20 MHz Sine Wave (Modulation Index = 0.25), VENV Output AC-Coupled
into a 50 Ω Spectrum Analyzer Load
Figure 51 shows such a plot total harmonic distortion (THD) of
the VENV output vs. RF input power for the modulation index
of 0.25.
As the input power level increases, the THD improves until it
sharply degrades at an input power level of approximately 13
dBm. This sharp decrease is caused by the clipping of the AM
signal’s peak envelope. Figure 51 also shows carrier leakage at
VENV in dBc with respect to the input carrier amplitude.
This measurement, when conducted over the full input power
range of the ADL5511, suffers from measurement inaccuracies
of the input modulated signal due to the spectrum analyzer’s
noise floor and therefore does not accurately reveal the ADL5511’s
limitations at the lower end of the measurement range. In
addition to this, the process of generating an AM signal for this
test (using the ADL5390 multiplier) is not perfect and resulted
in a source signal whose envelope was not harmonically pure.
TIME DOMAIN ENVELOPE TRACKING ACCURACY
The envelope tracking accuracy of the ADL5511 can also be
assessed in the time domain by looking at the input peak power
levels that cause clipping.
The usable rms input power range of the ADL5511 varies
depending on the desired accuracy level and the peak-to-average
ratio of the input signal. Figure 4 shows the linear operating range
of the VENV output when the RF input is driven by unmodulated
sine waves at various frequencies. This shows operation up to rms
input levels of approximately 19 dBm. If the signal has a peak-
to-average ratio that is greater than the square root of two, the
usable input range on RFIN will decrease. In general, the maximum
input power for linear operation should be determined by the
peak envelope power (PEP) of the input signal. Figure 52 shows
the time-domain response of the VENV output to a 900 MHz
LTE carrier with a bandwidth of 20 MHz (Test Model E-
TM1_2_20MHz). The signal level of the carrier (7 dBm rms,
19 dBm PEP) was deliberately increased until clipping was
observed at the VENV output.
Note that the peak envelope power of a signal is derived based on
the rms level of the signal during a peak cycle, that is V p-p/√2. For
example, a signal that achieves a peak voltage of 10 V (or 20 V p-p)
has a PEP of 30 dBm. According to this definition, the PEP of a
sine wave is equal to its rms power level because it has a constant
envelope.
0.1
1
10
100
1000
10000
100000
1000000
10000000
0
100
200
300
400
500
600
700
800
1
10
100
1000
CFLT4 (nF)
OUTPUT NOISE (mV p-p)
10% TO 90% RISE TIME (µs)
90% TO 10% FALL TIME (µs)
–80
–70
–60
–50
–40
–30
–20
–10
0
10
20
–35
–30
–25
–20
–15
–10
–5
0
5
10
15
RFIN (dBm)
THD (dBc)
CARRIER SUPPRESSION (dBc)
ENVELOPE GAIN (dB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com