Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5511ACPZ-R7 Datasheet(PDF) 23 Page - Analog Devices

Part # ADL5511ACPZ-R7
Description  DC to 6 GHz
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5511ACPZ-R7 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADL5511ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADL5511ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADL5511ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADL5511ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADL5511ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADL5511ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADL5511ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADL5511ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADL5511ACPZ-R7 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 29 page
background image
Data Sheet
ADL5511
Rev. C | Page 23 of 29
DEVICE CALIBRATION AND ERROR CALCULATION
Because slope and intercept vary from device to device, calibration
must be performed to achieve high accuracy. In general, calibration
is performed by applying two or more known input power levels to
the ADL5511 and measuring the corresponding output voltages.
The calibration points are generally chosen to be within the linear
operating range of the device. For a two-point calibration, the
conversion gain (or slope) and intercept are calculated for VRMS
and VENV using the following equations:
Slope = (VOUT2 − VOUT1)/(VIN2 − VIN1)
(9)
Intercept = VOUT1 − (Slope × VIN1)
(10)
where:
VIN is the rms input voltage to RFIN.
VOUT is the voltage output at VRMS or VENV.
Because the gain and intercept of the rms and envelope paths
will be different, both paths should be calibrated, that is, with a
measured signal applied to RFIN, VENV, and VRMS. To ensure
that the voltage at VENV and VRMS is a steady-state value, a
constant envelope signal such as a sine wave should be used as
the source during calibration.
Once slope and intercept are calculated, an equation can be
written that allows calculation of the input rms or envelope level
using the following equations:
VINRMS = (VRMS − InterceptVRMS)/SlopeRMS
(11)
VINENV = (VENV − InterceptVENV)/SlopeVENV
(12)
The law conformance error, that is, the difference between the
actual input level (VIN_IDEAL) and the measured/calculated input
level (VMEASURED), of these calculations can be calculated using
the following equation:
Error (dB) =
20 × log [(VMEASURED − Intercept)/(Slope × VIN_IDEAL)]
(13)
Figure 55 is a plot of this error for VENV at 1900 MHz for a
multiple devices at +25°C, +85°C, and −40°C with calibration
performed at two points, −14 dBm and +5 dBm (notice how
the error at 25°C at the calibration points is zero). These error
plots for all temperatures are calculated using the 25°C slope
and intercept. This is consistent with calibration in a mass
production environment where calibration at temperature is
generally not practical.
Figure 55. VENV Linearity Error vs. Input Level and Temperature Using a
Two-Point Calibration at 1900 MHz
By adding a third calibration point, the linearity of the ADL5511
can be enhanced at lower power levels. With a three-point
calibration, calibration coefficients (slope and intercept) are
calculated for each segment (thus, there will be two slopes and
two intercepts).
Figure 56 shows the same data as Figure 55, but with a three-
point calibration (calibration points at −26 dBm, −15 dBm, and
+5 dBm. This helps to extend the usable operating range of the
ADL5511 well below −25 dBm.
Figure 56. VENV Linearity Error vs. Input Level and Temperature Using a Three-
Point Calibration at 1900 MHz
–3
–2
–1
0
1
2
3
–30
–25
–20
–15
–10
–5
0
5
10
15
PIN (dBm)
–40°C
+25°C
+85°C
–3
–2
–1
0
1
2
3
–30
–25
–20
–15
–10
–5
0
5
10
15
PIN (dBm)
–40°C
+25°C
+85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com