Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5511ACPZ-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADL5511ACPZ-R7
Description  DC to 6 GHz
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5511ACPZ-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADL5511ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADL5511ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADL5511ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADL5511ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADL5511ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADL5511ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADL5511ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADL5511ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADL5511ACPZ-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 29 page
background image
Data Sheet
ADL5511
Rev. C | Page 15 of 29
Figure 40. VENV Output Response to Various RF Input Pulse Levels
900 MHz Frequency
Figure 41. VRMS Output Response to Various RF Input Pulse Levels
900 MHz Frequency, CFLT4 = Open
Figure 42. VRMS Output Response to Various RF Input Pulse Levels,
900 MHz Frequency, CFLT4 = 100 nF
Figure 43. VENV Output Response to Enable Gating at Various RF Input
Levels, 900 MHz Frequency
Figure 44. VRMS Output Response to Enable Gating at Various RF Input
Levels, 900 MHz Frequency, CFLT4 = Open
Figure 45. VRMS Output Response to Enable Gating at Various RF Input
Levels, 900 MHz Frequency, CFLT4 = 100 nF
CH1 200mV
M10ns
A CH2
1.88V
2
1
T
111.6ns
Ω
CH3 125mV
REF4
125mV 10ns
Ω
PULSED RFIN
+5dBm
+1dBm
–3dBm
–10dBm
REF4
125mV 1µs
CH2 200mV
M1µs
A CH4
2.2V
R4
2
T
–824ns
Ω
+5dBm
PULSED RFIN
+1dBm
–3dBm
–10dBm
REF4
125mV 100µs
CH2 200mV
M100µs
A CH4
2.2V
R4
2
T
–100.5µs
Ω
+5dBm
+1dBm
–3dBm
–10dBm
PULSED RFIN
REF1
250mV 1µs
CH4 7V
M1µs
A CH4
3.78V
R1
4
T
3.996µs
+5dBm
VENBL
+1dBm
–3dBm
–10dBm
REF1
220mV 1µs
CH4 7V
M1µs
A CH4
3.78V
R1
4
T
4.012µs
+5dBm
+1dBm
–3dBm
–10dBm
VENBL
REF4
220mV 40µs
CH4 7V
M40µs
A CH4
3.78V
R4
4
T
160.4µs
+5dBm
+1dBm
–3dBm
–10dBm
VENBL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com