Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5511ACPZ-R7 Datasheet(PDF) 24 Page - Analog Devices

Part # ADL5511ACPZ-R7
Description  DC to 6 GHz
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5511ACPZ-R7 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADL5511ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADL5511ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADL5511ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADL5511ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADL5511ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADL5511ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADL5511ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADL5511ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADL5511ACPZ-R7 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 29 page
background image
ADL5511
Data Sheet
Rev. C | Page 24 of 29
ERROR VS. FREQUENCY
Figure 57 and Figure 58 show how the VRMS and VENV output
voltages and error vary with input frequency when the ADL5511 is
calibrated at a single frequency. In this example, the ADL5511
has been calibrated at 25°C at 1.9 GHz. The plots also show how
the output voltage and error vary above and below this frequency.
Figure 57. VRMS Output vs. Frequency for a Fixed Input Power, PIN = 0 dBm,
Calibration at 1.9 GHz, 25°C
Figure 58. VENV Output vs. Frequency for a Fixed Input Power, PIN = 0 dBm,
Calibration at 1.9 GHz, 25°C
EVALUATION BOARD
Figure 59 shows the schematic of the ADL5511 evaluation board.
This 4-layer board is powered by a single supply in the 4.75 V
to 5.25 V range. The power supply is decoupled by 100 pF and
0.1 μF capacitors.
Table 5 details the various configuration options of the evaluation
board. Figure 60 and Figure 61 show the bottom side and top
side layouts, respectively.
The RF input has a broadband match of 50 Ω using a single
75 Ω resistor at R5.
The VRMS output is accessible via a clip lead (a pad is also
available where an SMA connector is installed). The VENV
output is accessible via an SMA connector. For response-
time critical measurements where stray capacitance must
be minimized, R2 can be removed and a FET probe can be
attached to JP1 (JP1 must be installed).
–6
–4
–2
0
2
4
6
0
100
200
400
300
500
600
0
1000
2000
3000
4000
5000
6000
FREQUENCY (MHz)
VRMS AT –40°C
VRMS AT +25°C
VRMS AT +85°C
ERROR AT –40°C
ERROR AT +25°C
ERROR AT +85°C
–8
–6
–4
–2
0
2
4
6
8
0
50
100
150
200
250
300
350
400
0
1000
2000
3000
4000
5000
6000
FREQUENCY (MHz)
VENV AT –40°C
VENV AT +25°C
VENV AT +85°C
ERROR AT –40°C
ERROR AT +25°C
ERROR AT +85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com