Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICL7621 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # ICL7621
Description  Dual, Low Power CMOS Operational Amplifiers
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICL7621 Datasheet(HTML) 3 Page - Renesas Technology Corp

  ICL7621 Datasheet HTML 1Page - Renesas Technology Corp ICL7621 Datasheet HTML 2Page - Renesas Technology Corp ICL7621 Datasheet HTML 3Page - Renesas Technology Corp ICL7621 Datasheet HTML 4Page - Renesas Technology Corp ICL7621 Datasheet HTML 5Page - Renesas Technology Corp ICL7621 Datasheet HTML 6Page - Renesas Technology Corp ICL7621 Datasheet HTML 7Page - Renesas Technology Corp ICL7621 Datasheet HTML 8Page - Renesas Technology Corp ICL7621 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
ICL7621
FN3403 Rev.5.00
Page 3 of 9
Mar 4, 2010
Schematic Diagram
Slew Rate
SR
AV = 1, CL = 100pF, VIN = 8VP-P,
IQ = 100µA, RL = 100k
+25
-
0.16
-
V/µs
Rise Time
tR
VIN = 50mV, CL = 100pF,
IQ = 100µA, RL = 100k
+25
-
2
-
µs
Overshoot Factor
OS
VIN = 50mV, CL = 100pF,
IQ = 100µA, RL = 100k
+25
-
10
-
%
NOTE:
6. Parameters with MIN and/or MAX limits are 100% tested at +25°C, unless otherwise specified. Temperature limits established by
characterization and are not production tested.
Electrical Specifications
VSUPPLY = 5V, Unless Otherwise Specified. (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
TEMP.
(°C)
MIN
(Note 6) TYP
MAX
(Note 6) UNITS
INPUT STAGE
SETTING STAGE
IQ
OUTPUT STAGE
V+
OUTPUT
V-
QN11
QN10
QN9
CFF = 9pF
CC = 33pF
QP9
QP8
QP7
QP6
6.3V
QN7
QN6
QN5
QN4
QN8
QN3
QN1 QN2
QP1
QP2
3k
3k
100k
900k
QP5
QP4
QP3
+INPUT
-INPUT
V-
V-
V+
V+
A
C
V-
G
E
V+
TABLE OF JUMPERS
IQ
ICL7621
C, E
100µA
6.3V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com