Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICL7621 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ICL7621
Description  Dual, Low Power CMOS Operational Amplifiers
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICL7621 Datasheet(HTML) 2 Page - Renesas Technology Corp

  ICL7621 Datasheet HTML 1Page - Renesas Technology Corp ICL7621 Datasheet HTML 2Page - Renesas Technology Corp ICL7621 Datasheet HTML 3Page - Renesas Technology Corp ICL7621 Datasheet HTML 4Page - Renesas Technology Corp ICL7621 Datasheet HTML 5Page - Renesas Technology Corp ICL7621 Datasheet HTML 6Page - Renesas Technology Corp ICL7621 Datasheet HTML 7Page - Renesas Technology Corp ICL7621 Datasheet HTML 8Page - Renesas Technology Corp ICL7621 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
ICL7621
FN3403 Rev.5.00
Page 2 of 9
Mar 4, 2010
Absolute Maximum Ratings
Thermal Information
Supply Voltage V+ to V- . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .18V
Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . V- -0.3 to V+ +0.3V
Differential Input Voltage (Note 3) . . . . . . . . . [(V+ +0.3) - (V- -0.3)]V
Duration of Output Short Circuit (Note 4). . . . . . . . . . . . . . Unlimited
Operating Conditions
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . . . 0°C to +70°C
Thermal Resistance (Typical, Note 5)
JA (°C/W) JC (°C/W)
PDIP Package . . . . . . . . . . . . . . . . . . .
120
N/A
SOIC Package . . . . . . . . . . . . . . . . . . .
160
N/A
Maximum Junction Temperature (Plastic Package) . . . . . . . +150°C
Maximum Storage Temperature Range . . . . . . . . .. -65°C to +150°C
Pb-Free Reflow Profile. . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
*Pb-free PDIPs can be used for through hole wave solder
processing only. They are not intended for use in Reflow solder
processing applications.
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
NOTES:
3. Long term offset voltage stability will be degraded if large input differential voltages are applied for long periods of time.
4. The outputs may be shorted to ground or to either supply, for VSUPPLY 10V. Care must be taken to insure that the dissipation rating is not
exceeded.
5.
JA is measured with the component mounted on an evaluation PC board in free air.
Electrical Specifications
VSUPPLY = 5V, Unless Otherwise Specified.
PARAMETER
SYMBOL
TEST CONDITIONS
TEMP.
(°C)
MIN
(Note 6) TYP
MAX
(Note 6) UNITS
Input Offset Voltage
VOS
RS  100k
+25
-
-
15
mV
Full
-
-
20
mV
Temperature Coefficient of VOS
VOS/TRS  100k
--
25
-
µV/oC
Input Offset Current
IOS
+25
-
0.5
30
pA
0 to +70
-
-
300
pA
-55 to +125
-
800
pA
Input Bias Current
IBIAS
+25
-
1.0
50
pA
0 to +70
-
-
400
pA
-55 to +125
-
-
4000
pA
Common Mode Voltage Range
VCMR
IQ = 100µA
+25
4.2
-
-
V
Output Voltage Swing
VOUT
IQ = 100µA, RL = 100k
+25
4.9
-
-
V
0 to +70
4.8
-
-
V
-55 to +125
4.5
-
-
V
Large Signal Voltage Gain
AVOL
VO = 4.0V, RL = 100k, IQ = 100µA
+25
80
102
-
dB
0 to +70
75
-
-
dB
-55 to +125
68
-
-
dB
Unity Gain Bandwidth
GBW
IQ = 100µA
+25
-
0.48
-
MHz
Input Resistance
RIN
+25
-
1012
-
Common Mode Rejection Ratio
CMRR
RS  100k IQ = 100µA
+25
70
91
-
dB
Power Supply Rejection Ratio
(VSUPPLY = 8V to 2V)
PSRR
RS  100k IQ = 100µA
+25
80
86
-
dB
Input Referred Noise Voltage
eN
RS = 100, f = 1kHz
+25
-
100
-
nV/
Hz
Input Referred Noise Current
iN
RS = 100, f = 1kHz
+25
-
0.01
-
pA/
Hz
Supply Current (Per Amplifier)
ISUPPLY
No Signal, No Load, IQ = 100µA
+25
-
0.1
0.25
mA
Channel Separation
VO1/VO2
AV = 100
+25
-
120
-
dB



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com