Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICL7621 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # ICL7621
Description  Dual, Low Power CMOS Operational Amplifiers
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICL7621 Datasheet(HTML) 7 Page - Renesas Technology Corp

  ICL7621 Datasheet HTML 1Page - Renesas Technology Corp ICL7621 Datasheet HTML 2Page - Renesas Technology Corp ICL7621 Datasheet HTML 3Page - Renesas Technology Corp ICL7621 Datasheet HTML 4Page - Renesas Technology Corp ICL7621 Datasheet HTML 5Page - Renesas Technology Corp ICL7621 Datasheet HTML 6Page - Renesas Technology Corp ICL7621 Datasheet HTML 7Page - Renesas Technology Corp ICL7621 Datasheet HTML 8Page - Renesas Technology Corp ICL7621 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
ICL7621
FN3403 Rev.5.00
Page 7 of 9
Mar 4, 2010
FIGURE 14. POWER SUPPLY REJECTION RATIO vs FREE-AIR
TEMPERATURE
FIGURE 15. EQUIVALENT INPUT NOISE VOLTAGE vs
FREQUENCY
FIGURE 16. OUTPUT VOLTAGE vs FREQUENCY
FIGURE 17. OUTPUT SINK CURRENT vs SUPPLY VOLTAGE
FIGURE 18. VOLTAGE FOLLOWER LARGE SIGNAL PULSE RESPONSE (IQ = 100µA)
Typical Performance Curves (Continued)
100
95
90
85
80
75
70
65
-50
-25
0
25
50
75
100
125
-75
FREE-AIR TEMPERATURE (°C)
IQ = 100µA
VSUPPLY = 10V
600
500
400
300
200
100
0
10
100
1k
10k
100k
FREQUENCY (Hz)
TA = +25°C
3V
 VSUPPLY  16V
16
14
12
10
8
6
4
2
0
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
VSUPPLY
=
8V
VSUPPLY
=
5V
VSUPPLY
=
2V
IQ = 100µA
TA = +25°C
0.01
0.1
1.0
10
02
4
6
8
10
12
14
16
SUPPLY VOLTAGE (V)
IQ = 100µA
8
6
4
2
0
-2
-4
-6
020
40
60
80
100
120
TIME (µs)
TA = +25°C, VSUPPLY = 10V
RL = 100k, CL = 100pF
OUTPUT
INPUT



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com