Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICL7621 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # ICL7621
Description  Dual, Low Power CMOS Operational Amplifiers
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICL7621 Datasheet(HTML) 6 Page - Renesas Technology Corp

  ICL7621 Datasheet HTML 1Page - Renesas Technology Corp ICL7621 Datasheet HTML 2Page - Renesas Technology Corp ICL7621 Datasheet HTML 3Page - Renesas Technology Corp ICL7621 Datasheet HTML 4Page - Renesas Technology Corp ICL7621 Datasheet HTML 5Page - Renesas Technology Corp ICL7621 Datasheet HTML 6Page - Renesas Technology Corp ICL7621 Datasheet HTML 7Page - Renesas Technology Corp ICL7621 Datasheet HTML 8Page - Renesas Technology Corp ICL7621 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
ICL7621
FN3403 Rev.5.00
Page 6 of 9
Mar 4, 2010
Typical Performance Curves
FIGURE 8. SUPPLY CURRENT PER AMPLIFIER vs SUPPLY
VOLTAGE
FIGURE 9. SUPPLY CURRENT PER AMPLIFIER vs FREE-AIR
TEMPERATURE
FIGURE 10. INPUT BIAS CURRENT vs TEMPERATURE
FIGURE 11. LARGE SIGNAL DIFFERENTIAL VOLTAGE GAIN
vs FREE-AIR TEMPERATURE
FIGURE 12. LARGE SIGNAL FREQUENCY RESPONSE
FIGURE 13. COMMON MODE REJECTION RATIO vs FREE-AIR
TEMPERATURE
10k
1k
100
10
1
0
2
4
6
8
10
121416
SUPPLY VOLTAGE (V)
TA = +25°C
NO LOAD
NO SIGNAL
IQ = 100µA
104
103
102
10
1
-50
-25
0
25
50
75
100
125
FREE-AIR TEMPERATURE (°C)
V+ - V- = 10V
NO LOAD
NO SIGNAL
IQ = 100µA
-50
-25
0
25
50
75
100
125
FREE-AIR TEMPERATURE (°C)
1000
100
10
1.0
0.1
VS = 5V
-50
-25
0
25
50
75
100
125
FREE-AIR TEMPERATURE (°C)
-75
1000
100
10
1
VSUPPLY = 10V
VOUT = 8V
RL = 100k
IQ = 100µA
107
106
104
103
102
10
1
105
0.1
1.0
10
100
1k
10k
100k
1M
FREQUENCY (Hz)
TA = +25°C
VSUPPLY = 15V
IQ = 100µA
-50
-25
0
25
50
75
100
125
FREE-AIR TEMPERATURE (°C)
-75
105
100
95
90
85
80
75
70
VSUPPLY = 10V
IQ = 100µA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com