Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICL7621 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ICL7621
Description  Dual, Low Power CMOS Operational Amplifiers
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICL7621 Datasheet(HTML) 1 Page - Renesas Technology Corp

  ICL7621 Datasheet HTML 1Page - Renesas Technology Corp ICL7621 Datasheet HTML 2Page - Renesas Technology Corp ICL7621 Datasheet HTML 3Page - Renesas Technology Corp ICL7621 Datasheet HTML 4Page - Renesas Technology Corp ICL7621 Datasheet HTML 5Page - Renesas Technology Corp ICL7621 Datasheet HTML 6Page - Renesas Technology Corp ICL7621 Datasheet HTML 7Page - Renesas Technology Corp ICL7621 Datasheet HTML 8Page - Renesas Technology Corp ICL7621 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
FN3403 Rev.5.00
Page 1 of 9
Mar 4, 2010
FN3403
Rev.5.00
Mar 4, 2010
ICL7621
Dual, Low Power CMOS Operational Amplifiers
DATASHEET
The ICL761X/762X series is a family of monolithic CMOS
operational amplifiers. These devices provide the designer
with high performance operation at low supply voltages and
selectable quiescent currents. They are an ideal design tool
when ultra low input current and low power dissipation are
desired.
The basic amplifier will operate at supply voltages ranging
from
1V to 8V, and may be operated from a single Lithium
cell. The output swing ranges to within a few millivolts of the
supply voltages.
The quiescent supply current of these amplifiers is set to
100µA at the factory. This results in power consumption as
low as 200µW per amplifier.
Of particular significance is the extremely low (1pA) input
current, input noise current of 0.01pA/
Hz, and 1012 input
impedance. These features optimize performance in very
high source impedance applications.
The inputs are internally protected. Outputs are fully
protected against short circuits to ground or to either supply.
Because of the low power dissipation, junction temperature
rise and drift are quite low. Applications utilizing these
features may include stable instruments, extended life
designs, or high density packages.
Features
• Wide Operating Voltage Range . . . . . . . . . . .
1V to 8V
• High Input Impedance . . . . . . . . . . . . . . . . . . . . . . .1012
• Input Current Lower Than BIFETs . . . . . . . . . . . 1pA (Typ)
• Output Voltage Swing . . . . . . . . . . . . . . . . . . . . V+ and V-
• Available as Duals (Refer to ICL7611 for Singles)
• Low Power Replacement for Many Standard Op Amps
Applications
• Portable Instruments
• Telephone Headsets
• Hearing Aid/Microphone Amplifiers
• Meter Amplifiers
• Medical Instruments
• High Impedance Buffers
Pinouts
ICL7621
(8 LD PDIP, SOIC)
TOP VIEW
Ordering Information
PART
NUMBER
PART
MARKING
TEMP.
RANGE
(°C)
PACKAGE
PKG.
DWG. #
ICL7621DCPA
7621 DCPA
0 to +70 8 Ld PDIP -
D Grade - IQ = 100µA
E8.3
ICL7621DCPAZ*
(Note 2)
7621 DCPAZ 0 to +70 8 Ld PDIP -
D Grade - IQ = 100µA
E8.3
ICL7621DCBA
(Note 1)
7621 DCBA
0 to +70 8 Ld SOIC -
D Grade - IQ = 100µA
M8.15
ICL7621DCBAZ
(Notes 1, 2)
7621 DCBAZ 0 to +70 8 Ld SOIC -
D Grade - IQ = 100µA
M8.15
*Pb-free PDIPs can be used for through hole wave solder processing only.
They are not intended for use in Reflow solder processing applications.
NOTES:
1. Add “-T” suffix for tape and reel. Please refer to TB347 for details on reel
specifications.
2. These Intersil Pb-free plastic packaged products employ special Pb-
free material sets, molding compounds/die attach materials, and 100%
matte tin plate plus anneal (e3 termination finish, which is RoHS
compliant and compatible with both SnPb and Pb-free soldering
operations). Intersil Pb-free products are MSL classified at Pb-free
peak reflow temperatures that meet or exceed the Pb-free
requirements of IPC/JEDEC J STD-020.
OUTA
-INA
+INA
V-
1
2
3
4
8
7
6
5
V+
OUTB
-INB
+INB
-
-


Similar Part No. - ICL7621

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL7621 INTERSIL-ICL7621 Datasheet
163Kb / 7P
Dual, Low Power CMOS Operational Amplifiers
May 2001
ICL7621 INTERSIL-ICL7621 Datasheet
4Mb / 122P
P-CHANNEL JFET
ICL7621 INTERSIL-ICL7621 Datasheet
394Kb / 9P
Dual, Low Power CMOS Operational Amplifiers
March 4, 2010
logo
Maxim Integrated Produc...
ICL7621ACJD MAXIM-ICL7621ACJD Datasheet
511Kb / 15P
Single/Dual/Triple/Quad Operational Amplifiers
ICL7621ACJE MAXIM-ICL7621ACJE Datasheet
511Kb / 15P
Single/Dual/Triple/Quad Operational Amplifiers
More results

Similar Description - ICL7621

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS27L2C STMICROELECTRONICS-TS27L2C Datasheet
203Kb / 9P
PRECISION VERY LOW POWER CMOS DUAL OPERATIONAL AMPLIFIERS
Nov-2001
TS27M2C STMICROELECTRONICS-TS27M2C Datasheet
195Kb / 9P
PRECISION LOW POWER CMOS DUAL OPERATIONAL AMPLIFIERS
2001-Nov
logo
Intersil Corporation
ICL7621 INTERSIL-ICL7621_01 Datasheet
163Kb / 7P
Dual, Low Power CMOS Operational Amplifiers
May 2001
ICL7611 INTERSIL-ICL7611_07 Datasheet
251Kb / 13P
1.4MHz, Low Power CMOS Operational Amplifiers
April 26, 2007
logo
STMicroelectronics
LM158W STMICROELECTRONICS-LM158W_08 Datasheet
326Kb / 18P
Low power dual operational amplifiers
11-Feb-2008
logo
Intersil Corporation
ICL7621 INTERSIL-ICL7621 Datasheet
394Kb / 9P
Dual, Low Power CMOS Operational Amplifiers
March 4, 2010
logo
Rohm
BU7265G_1012 ROHM-BU7265G_1012 Datasheet
596Kb / 29P
Ultra Low Power CMOS Operational Amplifiers
logo
STMicroelectronics
TS27L2CN STMICROELECTRONICS-TS27L2CN Datasheet
206Kb / 9P
PRECISION VERY LOW POWER CMOS DUAL OPERATIONAL AMPLIFIERS
Nov-2001
TS27M2 STMICROELECTRONICS-TS27M2 Datasheet
205Kb / 14P
Low-power CMOS dual operational amplifiers
18-Aug-2009
TS27L2ID STMICROELECTRONICS-TS27L2ID Datasheet
206Kb / 9P
PRECISION VERY LOW POWER CMOS DUAL OPERATIONAL AMPLIFIERS
Nov-2001
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com