Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8363ACPZ-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # AD8363ACPZ-R7
Description  50 Hz to 6 GHz, 50 dB TruPwr Detector
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8363ACPZ-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8363ACPZ-R7 Datasheet HTML 7Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 8Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 9Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 10Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 11Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 12Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 13Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 14Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
Data Sheet
AD8363
Rev. B | Page 11 of 29
3.00
2.50
2.75
2.25
2.00
1.75
1.50
1.25
1.00
0.75
0.50
0.25
0
4
5
6
3
2
1
0
–1
–2
–3
–4
–5
–6
–60
–50
–40
–30
–20
–10
0
10
PIN (dBm)
Figure 15. VOUT and Log Conformance Error with Respect to 25°C Ideal Line
over Temperature vs. Input Amplitude at 5.8 GHz, Typical Device
3
2
1
0
–1
–2
–3
–60
–50
–40
–30
–20
–10
0
10
PIN (dBm)
ERROR CW
ERROR W-CDMA 1 CAR TM1 64 DPCH
ERROR W-CDMA 2 CAR TM1 64 DPCH
ERROR W-CDMA 3 CAR TM1 64 DPCH
ERROR W-CDMA 4 CAR TM1 64 DPCH
Figure 16. Error from CW Linear Reference vs. Input Amplitude with
Modulation, Frequency at 2.14 GHz, CLPF = 0.1 μF, INHI Input
100MHz
900MHz
5.8GHz
3.8GHz
1.9GHz
2.6GHz
2.14GHz
Figure 17. Single-Ended Input Impedance (S11) vs.
Frequency; ZO = 50 Ω, INHI or INLO
3.00
2.50
2.75
2.25
2.00
1.75
1.50
1.25
1.00
0.75
0.50
0.25
0
4
5
6
3
2
1
0
–1
–2
–3
–4
–5
–6
–60
–50
–40
–30
–20
–10
0
10
PIN (dBm)
Figure 18. Distribution of VOUT and Error with Respect to 25°C Ideal Line
over Temperature vs. Input Amplitude at 5.8 GHz, CW
2
3
1
0
–1
–2
–3
–60
–50
–40
–30
–20
–10
0
10
PIN (dBm)
CW
W-CDMA 1 CAR TM1 32 DPCH
QPSK
256QAM
WIMAX 256 SUBCR, 64 QAM, 10MHz BW
CDMA2K 9 CH SR1 4 CAR
Figure 19. Error from CW Linear Reference vs. Input Amplitude with
Modulation, Frequency at 2.6 GHz, CLPF = 0.1 μF, INHI Input
160
140
120
100
80
60
40
20
0
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
Figure 20. Typical Noise Spectral Density of VOUT; All CLPF Values



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com