Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8363ACPZ-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # AD8363ACPZ-R7
Description  50 Hz to 6 GHz, 50 dB TruPwr Detector
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8363ACPZ-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD8363ACPZ-R7 Datasheet HTML 8Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 9Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 10Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 11Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 12Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 13Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 14Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 15Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
AD8363
Data Sheet
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
–0.5
–1.0
12 13 14 15 16
7
8
9 10 11
2
3
4
5
6
–2 –1 0
1
TIME (µs)
0dBm
–10dBm
–20dBm
–30dBm
–40dBm
RF
ENVELOPE
Figure 21. Output Response to RF Burst Input, Carrier Frequency at 2.14 GHz,
CLPF = 390 pF, CHPF = Open, Rising Edge
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
–0.5
–1.0
2
3
4
5
–1
0
1
TIME (ms)
0dBm
–10dBm
–20dBm
–30dBm
–40dBm
RF
ENVELOPE
Figure 22. Output Response to RF Burst Input, Carrier Frequency at 2.14 GHz,
CLPF = 0.1 µF, CHPF = Open, Rising Edge
6
5
4
3
2
1
0
6
3
0
TIME (µs)
0dBm
–50dBm
TCM2 LOW
TCM2 HIGH
Figure 23. Output Response Using Power-Down Mode for Various RF Input
Levels Carrier Frequency at 2.14 GHz, CLPF = 470 pF, CHPF = 220 pF
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–2
2
4
6
8
10 12 14 16 18 20 22 24 26 28 30
0
TIME (µs)
RF
ENVELOPE
0dBm
–10dBm
–20dBm
–30dBm
–40dBm
Figure 24. Output Response to RF Burst Input, Carrier Frequency at 2.14 GHz,
CLPF = 390 pF, CHPF = Open, Falling Edge
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
–0.5
–1.0
2
3
4
–1
0
1
TIME (ms)
0dBm
–10dBm
–20dBm
–30dBm
–40dBm
RF
ENVELOPE
Figure 25. Output Response to RF Burst Input, Carrier Frequency at 2.14 GHz,
CLPF = 0.1 µF, CHPF = Open, Falling Edge
1.75
2.00
1.50
1.25
0
1.00
0.75
0.50
0.25
3
4
2
1
0
–1
–2
–3
–4
–50–40–30–20–10 0 10 20 30 40 50 60 70 80 90 100 110 120130
TEMPERATURE (°C)
Figure 26. VTEMP and Error with Respect to Straight Line vs. Temperature for
Eleven Devices
Rev. B | Page 12 of 29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com