Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8363ACPZ-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # AD8363ACPZ-R7
Description  50 Hz to 6 GHz, 50 dB TruPwr Detector
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8363ACPZ-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD8363ACPZ-R7 Datasheet HTML 11Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 12Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 13Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 14Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 15Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 16Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 17Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 18Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 29 page
background image
Data Sheet
AD8363
Rev. B | Page 15 of 29
By forcing the previous identity through varying the VGA setpoint,
it is apparent that
RMS(VSIG) = √(Mean(VSIG2)) = √(VATG2) = VATG
(5)
Substituting the value of VSIG from Equation 2 results in
RMS(G0 × RFIN exp(−VSET/VGNS)) = VATG
(6)
When connected as a measurement device, VSET = VOUT. Solving
for VOUT as a function of RFIN
VOUT = VSLOPE × log10(RMS(RFIN)/VZ)
(7)
where:
VSLOPE is 1 V/decade (or 50 mV/dB).
VZ is the intercept voltage.
When RMS(RFIN) = VZ, because log10(1) = 0, this implies that
VOUT = 0 V, making the intercept the input that forces VOUT = 0 V.
VZ has been fixed to approximately 280 μV (approximately
−58 dBm, referred to 50 Ω) with a CW signal at 100 MHz.
In reality, the AD8363 does not respond to signals less than
~−56 dBm. This means that the intercept is an extrapolated
value outside the operating range of the device.
If desired, the effective value of VSLOPE can be altered by using
a resistor divider between VOUT and VSET. (Refer to the
Output Voltage Scaling section for more information.)
In most applications, the AGC loop is closed through the
setpoint interface and the VSET pin. In measurement mode,
VOUT is directly connected to VSET. (See the Measurement
Mode Basic Connections section for more information.) In
controller mode, a control voltage is applied to VSET and the
VOUT pin typically drives the control input of an amplification
or attenuation system. In this case, the voltage at the VSET pin
forces a signal amplitude at the RF inputs of the AD8363 that
balances the system through feedback. (See the Controller
Mode Basic Connections section for more information.)
RF INPUT INTERFACE
Figure 34 shows the connections of the RF inputs within
the AD8363. The input impedance is set primarily by an internal
50 Ω resistor connected between INHI and INLO. A dc level of
approximately half the supply voltage on each pin is established
internally. Either the INHI pin or the INLO pin can be used as
the single-ended RF input pin. (See the Choice of RF Input Pin
section.) If the dc levels at these pins are disturbed, performance
is compromised; therefore, signal coupling capacitors must be
connected from the input signal to INHI and INLO. The input
signal high-pass corner formed by the coupling capacitors and
the internal resistances is
fHIGH-PASS = 1/(2 × π × 50 × C)
(8)
where C is in farads and fHIGH-PASS is in hertz. The input coupling
capacitors must be large enough in value to pass the input signal
frequency of interest. The other input pin should be RF ac-coupled
to common (ground).
ESD ESD ESD ESD ESD ESD
ESD ESD ESD ESD ESD ESD
ESD
ESD
ESD
ESD
ESD
2.5kΩ
2.5kΩ
50Ω
VBIAS
VPOS
INHI
INLO
Figure 34. RF Inputs Simplified Schematic
Extensive ESD protection is employed on the RF inputs, which
limits the maximum possible input amplitude to the AD8363.
CHOICE OF RF INPUT PIN
The dynamic range of the AD8363 can be optimized by choosing
the correct RF input pin for the intended frequency of operation.
Using INHI (Pin 14), users can obtain the best dynamic range at
frequencies up to 2.6 GHz. Above 2.6 GHz, it is recommended
that INLO (Pin 15) be used. At 2.6 GHz, the performance obtained
at the two inputs is approximately equal.
The AD8363 was designed with a single-ended RF drive in
mind. A balun can be used to drive INHI and INLO differentially,
but it is not necessary, and it does not result in improved
dynamic range.
SMALL SIGNAL LOOP RESPONSE
The AD8363 uses a VGA in a loop to force a squared RF signal
to be equal to a squared dc voltage. This nonlinear loop can be
simplified and solved for a small signal loop response. The low-
pass corner pole is given by
FreqLP ≈ 1.83 × ITGT/(CLPF)
(9)
where:
ITGT is in amperes.
CLPF is in farads.
FreqLP is in hertz.
ITGT is derived from VTGT; however, ITGT is a squared value of
VTGT multiplied by a transresistance, namely
ITGT = gm × VTGT2
(10)
gm is approximately 18.9 μs, so with VTGT equal to the typically
recommended 1.4 V, ITGT is approximately 37 μA. The value of
this current varies with temperature; therefore, the small signal
pole varies with temperature. However, because the RF squaring
circuit and dc squaring circuit track with temperature, there is no
temperature variation contribution to the absolute value of VOUT.
For CW signals,
FreqLP ≈ 67.7 × 10−6/(CLPF)
(11)
However, signals with large crest factors include low
pseudorandom frequency content that either needs to be
filtered out or sampled and averaged out. See the Choosing a
Value for CLPF section for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com