Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8363ACPZ-R7 Datasheet(PDF) 17 Page - Analog Devices

Part # AD8363ACPZ-R7
Description  50 Hz to 6 GHz, 50 dB TruPwr Detector
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8363ACPZ-R7 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD8363ACPZ-R7 Datasheet HTML 13Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 14Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 15Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 16Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 17Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 18Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 19Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 20Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 29 page
background image
Data Sheet
AD8363
Rev. B | Page 17 of 29
over a population of devices to be useful in mass production
applications.
The TCM1 and TCM2 pins have high input impedances,
approximately 5 kΩ and 500 kΩ, respectively, and can be
conveniently driven from an external source or from a fraction
of VREF by using a resistor divider. VREF does change slightly
with temperature and RF input amplitude (see Figure 32 and
Figure 29); however, the amount of change is unlikely to result
in a significant effect on the final temperature stability of the RF
measurement system.
Figure 38 shows a simplified schematic representation of TCM1.
See the Power-Down Interface section for the TCM2 interface.
3kΩ
3kΩ
ESD
ESD
ESD
VPOS
COMM
TCM1
Figure 38. TCM1 Interface Simplified Schematic
POWER-DOWN INTERFACE
The quiescent and disabled currents for the AD8363 at 25°C are
approximately 60 mA and 300 μA, respectively. The dual function
pin, TCM2/PWDN, is connected to a temperature compensation
circuit as well as a power-down circuit. Typically, when PWDN
is greater than VPOS − 0.1 V, the device is fully powered down.
Figure 28 shows this characteristic as a function of VPWDN. Note
that because of the design of this section of the AD8363, as
VTCM2 passes through a narrow range at ~4.5 V (or ~VPOS − 0.5 V),
the TCM2/PWDN pin sinks approximately 750 μA. The source
used to disable the AD8363 must have a sufficiently high current
capability for this reason. Figure 23 shows the typical response
times for various RF input levels. The output reaches within 0.1 dB
of its steady-state value in approximately 35 μs; however, the refer-
ence voltage is available to full accuracy in a much shorter time.
This wake-up response varies depending on the input coupling
and the capacitances, CHPF and CLPF.
TCM2/
PWDN
COMM
VPOS
200Ω
200Ω
7kΩ
7kΩ
VREF
INTERCEPT
TEMPERATURE
COMPENSATION
200Ω
POWER-UP
CIRCUIT
SHUTDOWN
CIRCUIT
ESD
ESD
ESD
Figure 39. PWDN Interface Simplified Schematic
VSET INTERFACE
The VSET interface has a high input impedance of 72 kΩ.
The voltage at VSET is converted to an internal current used
to set the internal VGA gain. The VGA attenuation control is
approximately 19 dB/V.
COMM
2.5kΩ
18kΩ
VSET
GAIN ADJUST
54kΩ
Figure 40. VSET Interface Simplified Schematic
OUTPUT INTERFACE
The output driver used in the AD8363 is different from the
output stage on the AD8362. The AD8363 incorporates rail-to-
rail output drivers with pull-up and pull-down capabilities. The
closed-loop −3 dB bandwidth of the VOUT buffer with no load
is approximately 58 MHz with a single-pole roll-off of −20 dB/dec.
The output noise is approximately 45 nV/√Hz at 100 kHz, which is
independent of CLPF due to the architecture of the AD8363.
VOUT can source and sink up to 10 mA. There is an internal
load between VOUT and COMM of 2.5 kΩ.
VOUT
CLPF
2kΩ
500Ω
2pF
ESD
ESD
ESD
VPOS
COMM
Figure 41. VOUT Interface Simplified Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com