Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8363ACPZ-R7 Datasheet(PDF) 18 Page - Analog Devices

Part # AD8363ACPZ-R7
Description  50 Hz to 6 GHz, 50 dB TruPwr Detector
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8363ACPZ-R7 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD8363ACPZ-R7 Datasheet HTML 14Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 15Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 16Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 17Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 18Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 19Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 20Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 21Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 29 page
background image
AD8363
Data Sheet
Rev. B | Page 18 of 29
VTGT INTERFACE
The target voltage can be set with an external source or by
connecting the VREF pin (nominally 2.3 V) to the VTGT pin
through a resistive voltage divider. With 1.4 V on the VTGT pin,
the rms voltage that must be provided by the VGA to balance the
AGC feedback loop is 1.4 V × 0.05 = 70 mV rms. Most of the
characterization information in this data sheet was collected at
VTGT = 1.4 V. Voltages higher and lower than this can be used;
however, doing so increases or decreases the gain at the internal
squaring cell, which results in a corresponding increase or
decrease in intercept. This in turn affects the sensitivity and the
usable measurement range. Because the gain of the squaring
cell varies with temperature, oscillations or a loss in measurement
range can result. For these reasons, do not reduce VTGT below 1.3 V.
VTGT
50kΩ
50kΩ
10kΩ
ESD
ESD
ESD
VPOS
COMM
g × X2
ITGT
Figure 42. VTGT Interface Simplified Schematic
MEASUREMENT MODE BASIC CONNECTIONS
The AD8363 requires a single supply of nominally 5 V. The
supply is connected to the two supply pins, VPOS. Decouple
the pins using two capacitors with values equal or similar to
those shown in Figure 43. These capacitors must provide a low
impedance over the full frequency range of the input, and they
should be placed as close as possible to the VPOS pins. Use two
different capacitor values in parallel to provide a broadband ac
short to ground.
Input signals can be applied differentially or single-ended; however,
in both cases, the input impedance is 50 Ω. Most performance
information in this data sheet was derived with a single-ended
drive. The optimal measurement range is achieved using a single-
ended drive on the INHI pin at frequencies below 2.6 GHz (as
shown in Figure 43), and likewise, optimal performance is
achieved using the INLO pin above 2.6 GHz (similar to Figure 43;
except INLO is ac-coupled to the input and INHI is ac-coupled
to ground).
The AD8363 is placed in measurement mode by connecting
VOUT to VSET. This closes the AGC loop within the device
with VOUT representing the VGA control voltage, which is
required to present the correct rms voltage at the input of the
internal square law detector.
TEMP
8
7
6
5
VOUT
TCM1
13
14
15
16
VREF
VPOS2
12
11
10
9
12
3
4
TCM2/PWDN
VPOS1
NC
INHI
INLO
TCM1
TEMP
VSET
VOUT
CLPF
AD8363
DUT1
C12
0.1µF
C10
0.1µF
C7
0.1µF
C5
100pF
LOW FREQUENCY INPUT
C9
0.1µF
C4
100pF
C13
0.1µF
C3
OPEN
PADDLE
AGND
R11
1.4kΩ
R10
845Ω
Figure 43. Measurement Mode Basic Connections



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com