Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8213WHRMZ-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # AD8213WHRMZ-R7
Description  Dual, High Voltage, Current Shunt Monitor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8213WHRMZ-R7 Datasheet(HTML) 3 Page - Analog Devices

  AD8213WHRMZ-R7 Datasheet HTML 1Page - Analog Devices AD8213WHRMZ-R7 Datasheet HTML 2Page - Analog Devices AD8213WHRMZ-R7 Datasheet HTML 3Page - Analog Devices AD8213WHRMZ-R7 Datasheet HTML 4Page - Analog Devices AD8213WHRMZ-R7 Datasheet HTML 5Page - Analog Devices AD8213WHRMZ-R7 Datasheet HTML 6Page - Analog Devices AD8213WHRMZ-R7 Datasheet HTML 7Page - Analog Devices AD8213WHRMZ-R7 Datasheet HTML 8Page - Analog Devices AD8213WHRMZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Data Sheet
AD8213
Rev. D | Page 3 of 14
SPECIFICATIONS
TOPR = operating temperature range, VS = 5 V, RL = 25 kΩ (RL is the output load resistor), unless otherwise noted.
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
GAIN
Initial
20
V/V
Accuracy
Output voltage (VO) ≥ 0.1 V dc
±0.25
%
Accuracy over Temperature
TOPR
±0.5
%
Gain vs. Temperature
0
−10
−25
ppm/°C
VOLTAGE OFFSET
Offset Voltage (Referred to Input, RTI)
25°C
±1
mV
Over Temperature (RTI)
TOPR
±2.2
mV
Offset Drift
TOPR
±12
µV/°C
INPUT
Input Impedance
Differential
5
kΩ
Common Mode
Common mode voltage > 5 V
5
MΩ
Common mode voltage < 5 V
3.5
kΩ
Common-Mode Input Voltage Range
Common-mode continuous
−2
+65
V
Differential Input Voltage Range
Differential input voltage
250
mV
Common-Mode Rejection
TOPR, f = dc, VCM > 5 V (see Figure 5)
100
120
dB
TOPR, f = dc, VCM < 5 V (see Figure 5)
80
90
dB
OUTPUT
Output Voltage Range Low
AD8213Y, AD8213WY
0.1
0.05
V
AD8213WH
0.15
V
Output Voltage Range High
AD8213Y, AD8213WY
4.95
4.9
V
AD8213WH
4.88
V
Output Impedance
2
Ω
FILTER RESISTOR
CF access to resistor for low-pass filter
18
20
22
kΩ
DYNAMIC RESPONSE
Small Signal −3 dB Bandwidth
500
kHz
Slew Rate
COUT = 20 pF, no filter capacitor (CF)
4.5
V/µs
Output capacitance (COUT) = 20 pF, CF = 20 pF
2.7
V/µs
NOISE
0.1 Hz to 10 Hz, RTI
7
µV p-p
Spectral Density, 1 kHz, RTI
70
nV/√Hz
POWER SUPPLY
Operating Range
4.5
5.5
V
Quiescent Current Over Temperature
VCM > 5 V, per amplifier1, total supply current for two channels
AD8213Y, AD8213WY
2.5
3.75
mA
AD8213WH
4.5
mA
Power Supply Rejection Ratio
AD8213Y, AD8213WY
76
dB
AD8213WH
74
dB
TEMPERATURE RANGE
For Specified Performance
AD8213Y, AD8213WY
−40
+125
°C
AD8213WH
−40
+150
°C
1
When the common-mode input is less than 5 V, the supply current increases, which can be calculated by IS = −0.52 × (VCM) + 4.9 (see Figure 11).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com